Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8317A Datasheet(PDF) 129 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 129 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 125Page - Texas Instruments MCT8317A Datasheet HTML 126Page - Texas Instruments MCT8317A Datasheet HTML 127Page - Texas Instruments MCT8317A Datasheet HTML 128Page - Texas Instruments MCT8317A Datasheet HTML 129Page - Texas Instruments MCT8317A Datasheet HTML 130Page - Texas Instruments MCT8317A Datasheet HTML 131Page - Texas Instruments MCT8317A Datasheet HTML 132Page - Texas Instruments MCT8317A Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 161 page
background image
Table 8-44. CONTROLLER_FAULT_STATUS Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
18
LOCK_ILIMIT
R
0h
Indicates lock detection current limit fault
0h = No lock current limit fault detected
1h = Lock current limit fault detected
17
MTR_UNDER_VOLTAGE R
0h
Indicates motor undervoltage fault
0h = No motor undervoltage detected
1h = Motor undervoltage detected
16
MTR_OVER_VOLTAGE
R
0h
Indicates motor overvoltage fault
0h = No motor overvoltage detected
1h = Motor overvoltage detected
15
EXT_WD_TIMEOUT
R
0h
Indicates external watchdog timeout fault
0h = No external watchdog timeout fault detected
1h = External watchdog timeout fault detected
14-3
RESERVED
R
0h
Reserved
2
STL_EN
R
0h
Indicates STL is enabled in EEPROM
0h = STL Disable
1h = STL Enable
1
STL_STATUS
R
0h
Indicates STL success criteria Pass = 1b; Fail = 0b
0h = STL Fail
1h = STL Pass
0
APP_RESET
R
0h
App reset
0h = App Reset Fail
1h = App Reset Successful
8.8.2 System_Status Registers
Table 8-45 lists the memory-mapped registers for the System_Status registers. All register offset addresses not
listed in Table 8-45 should be considered as reserved locations and the register contents should not be modified.
Table 8-45. SYSTEM_STATUS Registers
Offset
Acronym
Register Name
Section
E4h
SYS_STATUS1
System Status Register1
Section 8.8.2.1
EAh
SYS_STATUS2
System Status Register2
Section 8.8.2.2
ECh
SYS_STATUS3
System Status Register3
Section 8.8.2.3
Complex bit access types are encoded to fit into small table cells. Table 8-46 shows the codes that are used for
access types in this section.
Table 8-46. System_Status Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Reset or Default Value
-n
Value after reset or the default
value
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
129
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com