Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8317A Datasheet(PDF) 121 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 121 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 117Page - Texas Instruments MCT8317A Datasheet HTML 118Page - Texas Instruments MCT8317A Datasheet HTML 119Page - Texas Instruments MCT8317A Datasheet HTML 120Page - Texas Instruments MCT8317A Datasheet HTML 121Page - Texas Instruments MCT8317A Datasheet HTML 122Page - Texas Instruments MCT8317A Datasheet HTML 123Page - Texas Instruments MCT8317A Datasheet HTML 124Page - Texas Instruments MCT8317A Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 161 page
background image
Table 8-36. DEVICE_CONFIG Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3-0
DIG_DEAD_TIME
R/W
0h
Dead time added by digital controller to gate input signals
0h = 0ns
1h = 50ns
2h = 100ns
3h = 150ns
4h = 200ns
5h = 250ns
6h = 300ns
7h = 350ns
8h = 400ns
9h = 450ns
Ah = 500ns
Bh = 600ns
Ch = 700ns
Dh = 800ns
Eh = 900ns
Fh = 1000ns
8.7.4 Gate_Driver_Configuration Registers
Table 8-37 lists the memory-mapped registers for the Gate_Driver_Configuration registers. All register offset
addresses not listed in Table 8-37 should be considered as reserved locations and the register contents should
not be modified.
Table 8-37. GATE_DRIVER_CONFIGURATION Registers
Offset
Acronym
Register Name
Section
ACh
GD_CONFIG1
Gate driver configuration 1
Section 8.7.4.1
AEh
GD_CONFIG2
Gate driver configuration 2
Section 8.7.4.2
Complex bit access types are encoded to fit into small table cells. Table 8-38 shows the codes that are used for
access types in this section.
Table 8-38. Gate_Driver_Configuration Access Type
Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
121
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com