Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8317A Datasheet(PDF) 113 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 113 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 109Page - Texas Instruments MCT8317A Datasheet HTML 110Page - Texas Instruments MCT8317A Datasheet HTML 111Page - Texas Instruments MCT8317A Datasheet HTML 112Page - Texas Instruments MCT8317A Datasheet HTML 113Page - Texas Instruments MCT8317A Datasheet HTML 114Page - Texas Instruments MCT8317A Datasheet HTML 115Page - Texas Instruments MCT8317A Datasheet HTML 116Page - Texas Instruments MCT8317A Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 161 page
background image
Table 8-30. FAULT_CONFIG1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
14-11
LOCK_ILIMIT_DEG
R/W
0h
Lock detection current limit deglitch time
0h = 1 ms
1h = 2 ms
2h = 5 ms
3h = 10 ms
4h = 25 ms
5h = 50 ms
6h = 75 ms
7h = 100 ms
8h = 250 ms
9h = 500 ms
Ah = 1 s
Bh = 2.5 s
Ch = 5 s
Dh = 10 s
Eh = 25 s
Fh = 50 s
10-8
CBC_RETRY_PWM_CYC R/W
0h
Number of PWM cycles for CBC current limit to retry
0h = 0
1h = 1
2h = 2
3h = 3
4h = 4
5h = 5
6h = 6
7h = 7
7
RESERVED
R/W
0h
Reserved
6-3
MTR_LCK_MODE
R/W
0h
Motor lock mode
0h = Motor lock detection causes latched fault; nFAULT active; Gate
driver is tristated
1h = Motor lock detection causes latched fault; nFAULT active; Gate
driver is in recirculation mode
2h = Motor lock detection causes latched fault; nFAULT active; Gate
driver is in high-side brake mode (All high-side FETs are turned ON)
3h = Motor lock detection causes latched fault; nFAULT active; Gate
driver is in low-side brake mode (All low-side FETs are turned ON)
4h = Automatic recovery after tLCK_RETRY; Gate driver is tristated
5h = Automatic recovery after tLCK_RETRY; Gate driver is in
recirculation mode
6h = Automatic recovery after tLCK_RETRY; Gate driver is in high-
side brake mode (All high-side FETs are turned ON)
7h = Automatic recovery after tLCK_RETRY; Gate driver is in low-
side brake mode (All low-side FETs are turned ON)
8h = Motor lock detection is in report only but no action is taken
9h = Motor lock detection is disabled
Bh = Motor lock detection is disabled
Ch = Motor lock detection is disabled
Dh = Motor lock detection is disabled
Eh = Motor lock detection is disabled
Fh = Motor lock detection is disabled
2-0
LCK_RETRY
R/W
0h
Lock retry time
0h = 100 ms
1h = 500 ms
2h = 1000 ms
3h = 2000 ms
4h = 3000 ms
5h = 5000 ms
6h = 7500 ms
7h = 10000 ms
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
113
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com