Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U5A5QJ Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 53Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 54Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 55Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 56Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 57Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 58Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 59Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 60Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 382 page
background image
DS13543 Rev 1
57/382
STM32U5Axxx
Functional overview
99
3.19
Neo-Chrom GPU (GPU2D)
The Neo-Chrom GPU is accelerating operations for graphic effects like rotation, scaling, and
perspective correct texture mapping (2.5D). It works together with an optimized software
stack designed for state of the art graphic rendering.
The GPU2D main features are:
•
Multi-threaded fragment (pixel) processing core with a VLIW (very-long instruction
word) instruction set
•
Fixed point functional units
•
Command list based DMAs to minimize CPU overhead
•
Two 32-bit AHB master interfaces for texture, command list and framebuffer access
•
32-bit AHB slave interface for register bank access
•
Up to 4 general-purpose flags for system-level synchronization
•
Texture decompression unit with TSC™4 and TSC™6/TSC™6a support
The GPU2D also features:
•
2D drawing
–
Pixel/line drawing
–
Filled rectangles
–
Triangles, quadrilateral drawing
–
Anti-aliasing 8xMSAA (multi-sample anti-aliasing)
•
Image transformations
–
3D perspective correct projections
–
Texture mapping with bilinear filtering or point sampling
•
Blit support
–
Rotation, mirroring, stretching (independently on x and y axis)
–
Source and/or destination color keying
–
Pixel format conversions
Table 13.LPDMA1 channels implementation and usage
Channel
x
Hardware parameters
Features
dma_fifo_
size[x]
dma_
addressing[x]
x = 0 to 3
0
0
Channel x (x = 0 to 3) is implemented with:
– no FIFO. Only a single source transfer cell is
internally registered.
– fixed/contiguously incremented addressing
Table 14. LPDMA1 autonomous mode and wake-up in low-power modes
Feature
Low-power modes
Autonomous mode and wake-up
LPDMA1 in Sleep, Stop 0, Stop 1 and Stop 2 modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com