Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U5A5QJ Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 62Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 63Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 64Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 65Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 66Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 67Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 68Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 69Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 382 page
background image
Functional overview
STM32U5Axxx
66/382
DS13543 Rev 1
The ADC1/2 main features are:
•
High-performance features
–
Dual mode operation
–
14-, 12-, 10- or 8-bit configurable resolution
–
A/D conversion time independent from the AHB bus clock frequency
–
Faster conversion time by lowering resolution
–
Management of single-ended or differential inputs (programmable per channels)
–
Fast data handling thanks to the AHB slave bus interface
–
Self-calibration (both offset and linearity)
–
Channel-wise programmable sampling time
–
Flexible sampling time control
–
Up to four injected channels (analog inputs assignment to regular or injected
channels is fully configurable)
–
Fast context switching thanks to the hardware assistant that prepares the context
of the injected channels
–
Data alignment with in-built data coherency
–
Data can be managed by GPDMA for regular channel conversions with FIFO
–
Data can be routed to MDF for post processing
–
Four dedicated data registers for the injected channels
•
Oversampler
–
32-bit data register
–
Oversampling ratio adjustable from 2 to 1024
–
Programmable data right and left shift
•
Data preconditioning
–
Gain compensation
–
Offset compensation
•
Low-power features
–
Speed adaptive low-power mode to reduce ADC consumption when operating at
low frequency
–
Slow bus frequency application while keeping optimum ADC performance
–
Automatic control to avoid ADC overrun in low AHB bus clock frequency
application (auto-delayed mode)
•
ADC features an external analog input channel:
–
Up to 17 channels from dedicated GPIO pads
•
Three additional internal dedicated channels:
–
One channel for internal reference voltage (VREFINT)
–
One channel for internal temperature sensor (VSENSE)
–
One channel for VBAT monitoring channel (VBAT/4)
•
Start-of-conversion can be initiated:
–
by software for both regular and injected conversions
–
by hardware triggers with configurable polarity (internal timers events or GPIO
input events) for both regular and injected conversions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com