Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U5A5QJ Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 69Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 70Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 71Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 72Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 73Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 74Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 75Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 76Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 382 page
background image
DS13543 Rev 1
73/382
STM32U5Axxx
Functional overview
99
•
Two common clock input/output for Σ∆ modulators
•
Flexible BSMX for connection between filters and digital inputs
•
Two inputs to connect the internal ADCs
•
Six flexible digital filter paths, including:
–
A configurable CIC filter:
- Can be split into two CIC filters: high-resolution filter and out-off limit detector
- Can be configured in Sinc4 filter
- Can be configured in Sinc5 filter
- Adjustable decimation ratio
–
A reshape filter to improve the out-off band rejection and in-band ripple
–
A high-pass filter to cancel the DC offset
–
An offset error cancellation
–
Gain control
–
Saturation blocks
–
An out-off limit detector
•
Short-circuit detector
•
Clock absence detector
•
16- or 24-bit signed output data resolution
•
Continuous or single conversion
•
Possibility to delay independently each bitstream
•
Various trigger possibilities
•
Break generation on out-of limit or short-circuit detector events
•
Autonomous functionality in Stop modes
•
DMA can be used to read the conversion data
•
Interrupts services
3.36.2
Audio digital filter (ADF)
The ADF is a high-performance module dedicated to the connection of external Σ∆
modulators. It is mainly targeted for the following applications:
•
audio capture signals
•
metering
The ADF features one digital serial interface (SITF0) and one digital filter (DFLT0) with
flexible digital processing options to offer up to 24-bit final resolution.
The DLFT0 of the ADF is a subset of the digital filters included into the MDF.
The ADF serial interface supports several standards allowing the connection of various Σ∆
modulator sensors:
•
SPI interface
•
Manchester coded 1-wire interface
•
PDM interface
A flexible BSMX allows the connection of any incoming bitstream to any filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com