Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL73141SEHF7/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ISL73141SEH
2. Pin In formation
R34DS0012EU0402 Rev.4.2
Page 4 of 27
Feb 23, 2023
1.3
Ordering Information
2.
Pin In formation
2.1
Pin Assignments
2.2
Pin Descriptions
Part Number (Note 1)
AVCC Supply
Voltage
Radiation Hardness
(Total Ionizing Dose)
Package Description
(RoHS Compliant)
Package
Drawing
Carrier
Type
Temp
Range
ISL73141SEHMFN
3.3V
LDR to 75krad(Si)
14 Ld CDFP Packaged
Device
(QML-V Level
Screening)
K14.A
Tray
-55 to +125°C
ISL73141SEHMF7
5V
ISL73141SEHFN/PROTO Note 2
3.3V
N/A
14 Ld CDFP Packaged
Device
ISL73141SEHF7/PROTO Note 2
5V
ISL73141SEHFNEV1Z Note 3
Single IC Evaluation Board for ISL73141SEHMFN
ISL73141SEHF7EV1Z Note 3
Single IC Evaluation Board for ISL73141SEHMF7
Notes:
1. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with
both SnPb and Pb-free soldering operations.
2. The /PROTO is not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are intended for
engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across the temperature range specified
in this datasheet. These part types do not come with a Certificate of Conformance.
3. Evaluation board uses the /PROTO parts and /PROTO parts are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect
(SEE) immunity
Top View
Pin Number
Pin Name
ESD
Circuit
Description
1
AVCC
1
Analog supply. The supply range is 3V to 3.6V (ISL73141SEHMFN) or 4.5V to 5.5V
(ISL73141SEHMF7). Bypass this pin to GND with a 10µF ceramic capacitor.
2, 4, 6, 10, 14
GND
-
Analog and digital supply ground. Connect these pins directly to the PCB GND plane. Pin 14
(GND pin) is electrically connected to the package seal ring and lid.
Note: The ESD triangular mark is indicative of Pin #1. It is a part of the device
marking and is placed on the lid in the quadrant where Pin #1 is located.
1
2
3
4
5
6
78
9
10
11
12
13
14
AVCC
GND
REF
GND
AIN
GND
PD
CS
BUSY
GND
SCK
SDO
GND
DVCC
Connected to LID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com