Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ISL73141SEH
5. Applications Information
R34DS0012EU0402 Rev.4.2
Page 23 of 27
Feb 23, 2023
5.9
Analog Input (AIN) Pin
The ISL73141SEH supports single-ended input drive only. IMPORTANT: Ensure that proper grounding
techniques and supply decoupling are used in circuit board layout to achieve optimum performance. The
ISL73141SEH evaluation board can be used as a guide for proper circuit optimization. The analog input is a
high-impedance input that exhibits a capacitive load of approximately 15pF during sample mode and 3pF during
hold mode. Due to the high bandwidth (50MHz) of the analog input, Renesas recommends using an Anti-Alias
Filter (AAF) appropriate for the desired application. It is not required to operate the ISL73141SEH with an input
amplifier, but it can improve performance and/or provide gain in certain applications. An example topology is given
in Figure 56, which uses a driver amplifier and an RC input filter. Care must be taken to choose an amplifier with
low noise and distortion because the ADC performance is directly impacted. It is also important to choose
feedback resistance values that are less than 1kΩ (typically, 100Ω to 200Ω) to minimize the impact of resistor
thermal noise. The noise of the resistor is directly related to its value by Equation 2.
where
• k = Boltzmans constant (1.38 x 10-23)
• T = Temperature in Kelvin (room temperature = 27°C = 300K)
• R = Resistance value
At the input to the ADC, a simple RC filter should be sufficient for most applications. Choose the RC circuit values
appropriately for the application. A low-value resistor (RS ≤ 50) is recommended for low noise performance. Add a
high-quality shunt capacitor (CP) as close as possible to the AIN pin to shunt charge kickback from the ADC
during sampling and to limit the input bandwidth to the ADC. The recommended values for the CP range is from
220pF to 680pF. Larger values for CP can be used for slower conversion rates.
Due to the switched capacitance of the analog input, Renesas recommends limiting series inductance in the
analog input path, particularly the inductance near the analog input pins of the device. Renesas also recommends
using a high quality ceramic capacitor (CP) in shunt on the analog input that is at an appropriate value for the
required application. Choose the series resistance in the analog input circuit based on the output impedance of
the driver amplifier and the application requirements. An example topology is given in Figure 57, which converts a
0V input common-mode voltage to the ADC input common-mode voltage of VREF/2. This circuit is employed on
the ISL73141SEH evaluation board to allow the ADC to be driven from various types of signal generators.
Figure 56. ISL73141SEH Analog Input Amplifier Example Circuit
(EQ. 2)
Power Spectral Density (PSD)
4kTR V2 Hz

=
Analog
Input
+
-
AIN
GND
ISL73141SEH
RS
CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com