Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ISL73141SEH
3. Specifications
R34DS0012EU0402 Rev.4.2
Page 8 of 27
Feb 23, 2023
3.4.2
ISL73141SEHMFN - 3.3V Operation
PD
PACTIVE Sample rate = 1Msps
60
72.8
mW
PSTATIC CS held High
21.6
35.1
mW
PSLEEP PD held Low
39
80
µW
Digital Inputs and Outputs (PD, CS, SCK, BUSY, SDO)
High Level Input
VIH
0.8*DVCC
V
Low Level Input
VIL
0.2*DVCC
V
Input Current (CS, SCK)
IIN
VIN = 0V to DVCC
-1
1
µA
Input Capacitance
CIN
5pF
High Level Output
VOH
DVCC - Output, IO = -500µA
DVCC - 0.2
V
Low Level Output
VOL
IO = 500µA
0.2
V
Output Source Current
ISRC
VOUT = 0V to DVCC
-10
mA
Output Sink Current
ISNK
VOUT = 0V to DVCC
10
mA
Hi-Z Output Leakage Current
IOZ
VOUT = 0V to DVCC
-1
1
µA
PD Input Resistance
RINPDL Internal pull-up resistance to DVCC
400
500
600
kΩ
AVCC = 3.3V; DVCC = 2.5V, REF = 3.0V, GND = 0V, fSAMP = 750ksps, AIN = -1dBFS; TA = -55°C to +125°C, unless otherwise noted.
Parameter
Symbol
Test Conditions
Min
(Notes 9, 10)
Typ
(Note 8)
Max
(Notes 9, 10)Unit
Converter Characteristics
Resolution
14
bits
No Missing Codes
14
bits
Transition Noise
RMS noise, 14-bit LSB
0.4
LSBRMS
Integral Non-Linearity
INL
Measured with full scale input signal
-1.5
±0.5
1.5
LSB
Differential Non-Linearity
DNL
Measured with full scale input signal
-0.5
±0.25
0.5
LSB
Zero Scale Error
VOFF
Measured with input grounded
-5
0
5
LSB
Zero Scale Error Drift,
VOFFD Measured with input grounded
±0.01
LSB/°C
Full Scale Error
FSE
Measured with input connected to
VREF
-7
±1
7
LSB
Full Scale Error Drift
FSED
Measured with input connected to
VREF
-
±0.02
-
LSB/°C
Dynamic Accuracy
Signal to Noise Ratio
SNR
FIN = 105kHz
77
80.3
dB
Signal to Noise + Distortion Ratio
SINAD
FIN = 105kHz
76
80.1
dB
Effective Number of Bits
ENOB
FIN = 105kHz
12.3
12.8
bits
Total Harmonic Distortion
THD
FIN = 105kHz, first five harmonics
85
92
dB
Spurious Free Dynamic Range
SFDR
FIN = 105kHz, first five harmonics
excluded
90
108
dB
Input Bandwidth
Source impedance = 25Ω, -3dB point
50
MHz
Aperture Delay
tAD
CS falling edge to sample edge
4
ns
Aperture Jitter
tAJITTER
1psRMS
AVCC = 5.0V; DVCC = 2.5V, REF = 4.096V, GND = 0V, fSAMP = 1Msps, AIN = -1dBFS; TA = -55°C to +125°C, unless otherwise noted. (Cont.)
Parameter
Symbol
Test Conditions
Min
(Notes 9, 10)
Typ
(Note 8)
Max
(Notes 9, 10)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com