Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ISL73141SEH
3. Specifications
R34DS0012EU0402 Rev.4.2
Page 6 of 27
Feb 23, 2023
3.
Specifications
3.1
Absolute Maximum Ratings
3.2
Thermal Information
3.3
Recommended Operating Conditions
Parameter
Min
Max
Unit
Supply Voltage (AVCC, DVCC)-0.3
6.4
V
Supply Voltage (AVCC) (Note 5)-0.3
6.3
V
Supply Voltage (DVCC) (Note 5)-0.3
4.6
V
AIN, REF (Note 4)-0.3
AVCC + 0.3
V
AIN, REF (Notes 4, 5)-0.3
5.1
V
Digital Input Voltage (PD, CS, SCK)
-0.3
DVCC + 0.3
V
Digital Output Voltage (BUSY, SDO)
-0.3
DVCC + 0.3
V
ESD Rating
Value
Unit
Human Body Model (Tested per MIL-STD-883 TM3015.7)
2.5
kV
Charged Device Model (Tested per JS-002-2014)
600
V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can adversely
impact product reliability and result in failures not covered by warranty.
Notes:
4. AIN voltage should not exceed REF voltage by more than 300mV or device damage can occur.
5. Tested in a heavy ion environment at LET = 86MeV•cm2/mg at 125°C.
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
CDFP Package K14.A (Notes 6, 7)34
6
Notes:
6. θJA is measured in free air with the component on high-effective thermal conductivity test board with direct attach features. See TB379.
7. For θJC, the case temperature location is the center of the package underside.
Parameter
Min
Max
Unit
Maximum Junction Temperature
-
+150
°C
Storage Temperature Range
-65
+150
°C
Parameter
Min
Max
Unit
Temperature
-55
+125
°C
Analog Supply Voltage, AVCC (ISL73141SEHMFN)
3.0
3.6
V
Analog Supply Voltage, AVCC (ISL73141SEHMF7)
4.5
5.5
V
Digital Supply Voltage, DVCC
2.2
3.6
V
Reference Input Voltage, VREF (ISL73141SEHMFN)
1.95
3.6
V
Reference Input Voltage, VREF (ISL73141SEHMF7)
3.9
4.2
V
Analog Input Voltage, AIN
0VREF
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com