Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ISL73141SEH
5. Applications Information
R34DS0012EU0402 Rev.4.2
Page 21 of 27
Feb 23, 2023
The following are the three phases of operation in the ISL73141SEH that are shown in Figure 54.
• Acquisition
•Conversion
• Readout
The Acquisition phase begins immediately following the completion of the conversion. During CS high, the SDO
pin is held in high impedance (high-Z). The falling edge of CS defines the sampling instant of the ISL73141SEH,
initiates a conversion, and also enables the SDO output to a low state. The conversion cycle is internally timed
through an internal oscillator and takes an ensured maximum time of tCONV to complete. Following conversion,
several internal blocks are powered down to reduce power consumption. This phase of power-down is referred to
as NAP mode. The ISL73141SEH stays in NAP mode until the next rising edge of CS where the ISL73141SEH is
fully powered up.
The following is an example of timing calculation in an application operating the ISL73141SEHMF7 at 1Msps.
When deriving timing it is imperative to use the appropriate maximum and minimum specifications. The CS input
must be held high for 40ns (tCSH). The time between the falling edge of CS and the rising edge of BUSY is a
maximum of 30ns (tBUSYLH). The conversion time (tCONV) is a maximum of 660ns. To clock the data out of the
ADC there must be 14 rising edges of SCK (tREADOUT). The 14th SCK falling edge must be coincident with the
rising edge of CS for the subsequent sample. Using the maximum SCK frequency of 50MHz yields:
Note: The 14th SCK edge is coincident with the rising edge of CS so there is only a 1/2 period for the 14th SCK.
To calculate and validate the sample timing use Equation 1:
For a sample rate of 1Msps using the timing calculates to:
Figure 54. ISL73141SEH Timing Diagram
12
13
14
12
SCKL
t
SCKH
t
t
SCK
HI-Z
HI-Z
CS
SCK
SDO
CSH
t
t
CONV
READOUT
t
tCYC
B13
B12
B0
B1
B2
B3
t DBUSYLSDOV
tHSDOV
t
DCSLSDOL
tDCSHSDOZ
Serial Data Bits B[13:0] Correspond to the Current Conversion
t
BUSYLH
BUSY
t QUIET
Acquire
Convert
Nap and Readout
Acquire
CSH
t
t
DSCKSDOV
13 20ns 10ns
+
270ns
=
(EQ. 1)
tCYC
tCSH tBUSYLH tCONV tREADOUT
++
+
=
tCYC
40ns 30ns 660ns 270ns
1000ns
=
++
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com