Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ISL73141SEH
5. Applications Information
R34DS0012EU0402 Rev.4.2
Page 20 of 27
Feb 23, 2023
5.
Applications Information
5.1
Overview
The ISL73141SEH is a radiation hardened, high precision, low noise, 14-bit Successive Approximation Register
(SAR) ADC. The device operates from an analog supply voltage range of 3V to 3.6V or 4.5V to 5.5V, a digital
supply voltage range of 2.2V to 3.6V, and has a dedicated reference input (REF). The ISL73141SEH supports
sample rates up to 1Msps with an analog supply voltage range of 4.5V to 5.5V. It also supports sample rates up to
750ksps with an analog supply voltage range of 3V to 3.6V, which allows you to optimize your system based on
the range of the analog signal being sampled. The ISL73141SEH samples at a rate of 1Msps and achieves
excellent dynamic performance (82.1dB SNR, 100dB THD) and linearity (INL ±1LSB, DNL ±0.5 LSB) while still
maintaining a low power consumption of 60mW from a 5V supply. Additionally, the device offers a Sleep mode
that minimizes power consumption to <50µW during idle operation.
The IS73141SEH offers a high-speed serial interface with an independent digital supply (DVCC) range of 2.2V to
3.6V, making it ideal to interface to 2.5V or 3.3V systems. The conversion data is output on the SDO pin with no
latency. The ISL73141SEH supports up to a 50MHz serial data read clock on the SCK input.
The single-ended analog input voltage (AIN) is sampled on the falling edge of CS. The input range of the
ISL73141SEH is determined by the REF pin voltage to GND. The ISL73141SEH supports excellent THD and
SFDR sampling input signal frequencies up to and beyond Nyquist (such as fIN ≥ 500kHz with fSAMP = 1Msps).
The ISL73141SEH uses the external reference input (REF) as the positive reference and the GND pin of the
device as the negative reference.
5.2
Serial Interface and BUSY
The ISL73141SEH uses a 3-wire serial port interface to communicate with other devices such as microcontrollers
and other external circuitry. A falling edge on CS initiates conversion in the ISL73141SEH. Renesas requires
holding CS high for at least 40ns before initiating the conversion. The conversion is timed by an internal oscillator.
During the conversion process, the BUSY signal is asserted high. When the conversion is complete, BUSY is
de-asserted. Renesas requires holding SCK low during tCONV. When BUSY is de-asserted, the MSB is
immediately available on the SDO pin. Each subsequent rising edge of SCK serially outputs data on SDO from
the MSB-1 to the LSB. The input logic level of CS and SCK is determined by the DVCC supply voltage that
operates across a range of 2.2V up to 3.6V. Similarly, the output voltage level of BUSY is also determined by the
DVCC supply voltage.
5.3
Operational Phases and Timing
The conversion result MSB is available for serial readout at the SDO pin immediately following a completed
conversion. The BUSY indicator flag is high during conversion, and transitions low following completion of the
conversion. When the BUSY indicator flag goes LOW after a conversion, the MSB of the conversion result (B13)
is immediately available at the SDO pin. Subsequent rising edges of SCK shift bits MSB-1 (B12) through the LSB
(B0) to SDO for readout. The output voltage level of SDO is determined by the DVCC supply voltage which
operates across a range of 2.2V up to 3.6V. Figure 54 shows the basic timing of the ISL73141SEH in a
conversion cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com