Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 27Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ISL73141SEH
5. Applications Information
R34DS0012EU0402 Rev.4.2
Page 24 of 27
Feb 23, 2023
It is important to understand the settling time associated with the analog input of the ISL73141SEH and the
impacts of RS and CP. To allow the ISL73141SEH to accurately resolve the input signal, it is important that the
input signal is settled completely before the signal is sampled by the ISL73141SEH. To meet the datasheet
specifications, the settling time must be met for the input signals on the analog input of the ISL73141SEH. To
accurately resolve to 1 LSB, the settling time is defined by Equation 3:
Simplifying this results in Equation 4:
Solving for t results in:
, which can be written as
and further simplified to
.
Settling time is t, RS ×CP is τ, and the resolution of the ADC is N.
The ISL73141SEH is a 14-bit ADC, which means the settling time to attain 1 LSB accuracy is 9.7 × τ. For
example, the ISL73141SEHEV1Z evaluation board employs a 24Ω resistor for RS and a 470pF capacitor for CP,
which means that the required settling time would be t = 0.693 × 14 × 24Ω × 470pF = 109.4ns. If different RS and
CP values are used, calculate the settling time for those conditions. These calculations assume the settling time of
the input network RS and CP are much larger than the settling time of any amplifier driving the ISL73141SEH
analog input. If this is not the case, the settling time of the input network must be root-sum-squared with the
settling time of the amplifier to determine the required settling time using Equation 5:
5.10 Package
The ISL73141SEH is available in a 14 Ld hermetically sealed Ceramic Dual Flatpack (CDFP) package (see
Package Outline Drawing). Pin 14 (GND) is connected to the package seal ring and the package lid.
Figure 57. ISL73141SEH Common-Mode Conversion Amplifier Example Circuit
AV = +2
AV = -2
+
-
-
+
AV = 1
-
+
VREF
AIN
GND
ISL73141SEH
R
R
2R
R
5R
R
0V
+VREF/4
-VREF/4
Analog
Input
VREF/2
+VREF
0V
RS
CP
(EQ. 3)
1
2
N
-------
e
t
–
=
(EQ. 4)
2
N

ln
t
--
–
=
t-
2
N

ln
=
tN
2

ln
=
t0.693 N

=
(EQ. 5)
ttAMP

2
tRC

2
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com