Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ISL73141SEH
3. Specifications
R34DS0012EU0402 Rev.4.2
Page 7 of 27
Feb 23, 2023
3.4
Electrical Specifications
3.4.1
ISL73141SEHMF7 - 5V Operation
AVCC = 5.0V; DVCC = 2.5V, REF = 4.096V, GND = 0V, fSAMP = 1Msps, AIN = -1dBFS; TA = -55°C to +125°C, unless otherwise noted.
Parameter
Symbol
Test Conditions
Min
(Notes 9, 10)
Typ
(Note 8)
Max
(Notes 9, 10)Unit
Converter Characteristics
Resolution
14
bits
No Missing Codes
14
bits
Transition Noise
RMS noise, 14-bit LSB
0.3
LSBRMS
Integral Non-Linearity
INL
Measured with full scale input signal.
-1.0
±0.4
1.0
LSB
Differential Non-Linearity
DNL
Measured with full scale input signal.
-0.5
±0.2
0.5
LSB
Zero Scale Error
VOFF
Measured with input grounded.
-5
0
5
LSB
Zero Scale Error Drift
VOFFD Measured with input grounded.
±0.006
LSB/°C
Full Scale Error
FSE
Measured with input connected to VREF
-7
±1
7
LSB
Full Scale Error Drift
FSED
Measured with input connected to VREF
±0.004
LSB/°C
Dynamic Accuracy
Signal to Noise Ratio
SNR
FIN = 105kHz
80
82.1
dBFS
Signal to Noise + Distortion
Ratio
SINAD
FIN = 105kHz
79
81.9
dBFS
Effective Number of Bits
ENOB
FIN = 105kHz
12.5
13.3
bits
Total Harmonic Distortion
THD
FIN = 105kHz, first five harmonics
85
92
dBFS
Spurious Free Dynamic Range
SFDR
FIN = 105kHz, first five harmonics
excluded
90
108
dBFS
Input Bandwidth G
Source impedance = 25Ω, -3dB point
50
MHz
Aperture Delay
tAD
CS falling edge to sample edge
2.5
ns
Aperture Jitter
tAJITTER
1psRMS
Analog Input Characteristics (AIN)
Input Voltage Range, AIN
AIN
Recommended operating condition
0
VREF
V
Absolute Input Range, AIN
-0.1
AVCC + 0.1
V
Input Leakage Current
IAIN
-1
1
µA
Input Capacitance
Sample Mode
15
pF
Hold Mode
3
pF
Reference Input Characteristics (REF)
REF Input Voltage Range
VREF
3.9
4.2
V
REF Input Current
IREF
135
200
µA
Power Supply Characteristics (AVCC, DVCC)
Analog Supply Voltage
AVCC
4.5
5.5
V
Analog Supply Current - Active
IAVCC
Active, fSAMP = 1Msps
12
14.5
mA
Analog Supply Current - Static
IStatic
CS held High
4.3
7
mA
Analog Supply Current - Sleep
ISLAVCC PD held Low
4.8
12
µA
Digital Supply Voltage
DVCC
2.2
3.6
V
Digital Supply Current - Active
IDVCC
fSCK = 50MHz
72
90
µA
Digital Supply Current - Static
ISTDVCC CS held High
26.4
35
µA
Digital Supply Current - Sleep
ISLDVCC PD held Low
6
8
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com