Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ISL73141SEH
5. Applications Information
R34DS0012EU0402 Rev.4.2
Page 22 of 27
Feb 23, 2023
5.4
Convert Start (CS) Pin
The convert start input (CS) initiates a conversion in the ISL73141SEH. The input logic level of CS is determined
by the DVCC supply voltage, which operates across a range of 2.2V up to 3.6V. A falling edge on this input starts
a new conversion. The conversion is timed using an internal oscillator. The logic state of the CS pin controls the
state of the SDO pin. A logic high on the CS pin disables the SDO pin driver resulting in a high-impedance state
on the SDO pin. A logic low on the CS pin enables the SDO driver (unless PD is low) and allows data to be read
out following a conversion.
5.5
Power Down (PD) Pin
The ISL73141SEH has a power down pin that is active low (PD). When this pin is asserted the ISL73141SEH is
powered down to ≤50µW of total power dissipation. If PD is asserted during a conversion, the conversion is halted
and the SDO pin is held in high impedance (high-Z). The input logic level of PD is determined by the DVCC supply
voltage, which operates across a range of 2.2V up to 3.6V. There is an internal 500kΩ pull-up resistor connected
to DVCC on this pin.
5.6
Reference Input (REF) Pin
The ISL73141SEH has a voltage reference input that determines the full scale input range. The input voltage
range of this pin is from 1.95V to 3.6V (ISL73141SEHMFN) or 3.9V to 4.2V (ISL73141SEHMF7). Decouple this
pin to ground with a high quality, low ESR 10μF ceramic capacitor. Renesas recommends using a capacitor with a
voltage rating of 10V or greater and to place the capacitor as close as possible to the REF pin.
Use a low noise, low temperature drift reference to drive this pin. Input noise from the input reference directly
impacts the noise performance of the device. Temperature drift of the external reference affects the full scale error
for the over-temperature of the device.
5.7
ISL73141 Transfer Function
Figure 55 gives the transfer function of the device. Code transitions in the digital outputs bits of the device occur at
midway points between successive integer LSB values that range from 0.5 LSB, 1.5 LSB, 2.5 LSB, 3.5 LSB... and
FS - 3.5 LSB, FS - 2.5 LSB, FS - 1.5 LSB, FS - 0.5 LSB. The device is a 14-bit ADC with an output code range in
decimal from 0 to 2N-1 where N = 14, making the total code range 0 to 16383 inclusive.
5.8
Power Supply Sequencing
The ISL73141SEH does not have any specific power sequencing requirements when increasing the supply
voltages. IMPORTANT: You must follow the guidelines in the recommended operating conditions and take care in
observing the maximum supply voltage conditions outlined in the Absolute Maximum Ratings section.
Figure 55. ISL73141SEH Transfer Function
00 0000 0000 0000
00 0000 0000 0001
11 1111 1111 1110
11 1111 1111 1111
ADC Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com