Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ISL73141SEH
3. Specifications
R34DS0012EU0402 Rev.4.2
Page 10 of 27
Feb 23, 2023
3.4.3
ISL73141SEHMF7 - 5.0V Operation Burn-In Deltas
3.4.4
ISL73141SEHMFN - 3.3V Operation Burn-In Deltas
3.5
Timing Specifications
3.5.1
5V Operation
AVCC = 5.0V; DVCC = 2.5V, REF = 4.096V, GND = 0V, fSAMP = 1000ksps, AIN = -1dBFS; TA = +25°C; unless otherwise noted.
Parameter
Symbol
Test Conditions
Min
Max
Unit
Integral Non-Linearity
INL
Measured with full scale input signal
-0.35
0.35
LSB
Signal to Noise Ratio
SNR
FIN = 105kHz
-1
1
dBFS
Effective Number of Bits
ENOB
FIN = 105kHz
-0.2
0.2
bits
AVCC = 3.3V; DVCC = 2.5V, REF = 3.0V, GND = 0V, fSAMP = 750ksps, AIN = -1dBFS; TA = +25°C;unless otherwise noted.
Parameter
Symbol
Test Conditions
Min
Max
Unit
Integral Non-Linearity
INL
Measured with full scale input signal
-0.5
0.5
LSB
Signal to Noise Ratio
SNR
FIN = 105kHz
-1
1
dBFS
Effective Number of Bits
ENOB
FIN = 105kHz
-0.2
0.2
bits
AVCC = 4.5V to 5.5V; DVCC = 2.2V to 3.6V, REF = 4.096V, GND = 0V, fSAMP = 1Msps, AIN = -1dBFS; TA = -55°C to +125°C, unless otherwise
noted.
Parameter
Symbol
Test Conditions
Min
(Notes 9, 10)
Typ
(Note 8)
Max
(Notes 9, 10)Unit
Timing Characteristics
Maximum Sampling Frequency
fSAMP
1MHz
Conversion Time
tCONV
BUSY Output High Time
595
665
ns
CS High Time
tCSH
40
ns
SCK Held Low to CS↓
tQUIET
40
ns
CS Falling Edge to BUSY↑
tBUSYLH
CL = 10pF
17
25
ns
SCK Period
tSCK
20
ns
SCK High Time
tSCKH
8ns
SCK Low Time
tSCKL
8ns
SDO Data Valid Delay from BUSY↓ tDBUSYLSDOV CL = 10pF
-2.6
0
ns
SDO Data Valid Delay from SCK↑
tDSCKSDOV CL = 10pF
18.5
ns
SDO Data Valid Hold Time from
SCK↑
tHSDOV
CL = 10pF
8
13
ns
SDO Bus Acquisition Time from
CS↓
tDCSLSDOL
CL = 10pF
11
20
ns
SDO Bus Relinquish Time after
CS↑
tDCSHSDOZ CL = 10pF
12
20
ns
Wake-Up time from Power-Down
Mode
tWAKE
Time to wait after PD↑ to first
sample
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com