Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 27Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ISL73141SEH
7. Revision History
R34DS0012EU0402 Rev.4.2
Page 26 of 27
Feb 23, 2023
7.
Revision History
Rev.
Date
Description
4.2
Feb 23, 2023
Added Feature bullet.
Removed Related Literature.
Updated Ordering information table package descriptions.
4.1
Jun 24, 2021
Added the Die and Assembly Characteristics section.
4.0
May 14, 2021
Updated Ordering information table formatting.
Updated the SDO Data Valid Delay from SCK↑ specs changed 5V operation maximum from 16ns to 18.5ns
and changed 3.3V operation maximum from 24ns to 25n.
Updated Figures 5 and 54.
3.1
Jan 28, 2021
Added ESD circuits to the pin description table.
3.0
Dec 9, 2020
Corrected typo in the REF pin description by changing the capacitor value from 10F to 10µF.
Updated the Effective Number of Bits minimum value on page 7 from 12.8 to 12.5 for 5V specification table.
Updated the Analog Supply Current - Active test condition changed from 1MSPS to 750ksps in the 3.3V
specification table.
2.0
Oct 21, 2020
Changed Radiation Tolerant to Radiation Hardened in Title and throughout datasheet.
Updated 3rd paragraph of description on page 1.
Pin Description table: updated pin 3/REF input range.
Recommended Operating Conditions and Electrical Spec tables: updated Reference Input Voltage, VREF
from 1.5V to: 1.95 for ISL73141SEHMFN) and 3.9V for ISL73141SEHMF7)
Updated Figures 18, 19, 20, 42, 43, 44
Reference Input (REF) Pin section, page 22: updated input voltage range
1.0
Sep 1, 2020
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com