Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEHF7/PROTO Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL73141SEHF7/PROTO
Description  Radiation Hardened 14-Bit 1MSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73141SEHF7/PROTO Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL73141SEHF7/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 14Page - Renesas Technology Corp ISL73141SEHF7/PROTO Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ISL73141SEH
3. Specifications
R34DS0012EU0402 Rev.4.2
Page 11 of 27
Feb 23, 2023
3.5.2
3.3V Operation
3.6
Timing Diagrams
AVCC = 3.0V to 3.6V; DVCC = 2.2V to 3.6V, REF = 3.0V, GND = 0V, fSAMP = 750ksps, AIN = -1dBFS; TA = -55°C to +125°C, unless otherwise
noted.
Parameter
Symbol
Test Conditions
Min
(Notes 9, 10)
Typ
(Note 8)
Max
(Notes 9, 10)Unit
Timing Characteristics
Maximum Sampling Frequency
fSAMP
750
kHz
Conversion Time
tCONV
BUSY Output High Time
760
850
ns
CS High Time
tCSH
50
ns
SCK Held Low to CS↓
tQUIET
50
ns
CS Falling Edge to BUSY↑
tBUSYLH
CL = 10pF
21
40
ns
SCK Period
tSCK
30
ns
SCK High Time
tSCKH
12
ns
SCK Low Time
tSCKL
12
ns
SDO Data Valid Delay from BUSY↓
tDBUSYLSDOV CL = 10pF
-5
0
ns
SDO Data Valid Delay from SCK↑
tDSCKSDOV CL = 10pF
25
ns
SDO Data Valid Hold Time from
SCK↑
tHSDOV
CL = 10pF
8
16
ns
SDO Bus Acquisition Time from CS↓
tDCSLSDOL
CL = 10pF
12
30
ns
SDO Bus Relinquish Time after CS↑
tDCSHSDOZ CL = 10pF
14
30
ns
Wake-Up time from Power-Down
Mode
tWAKE
Time to wait after PD↑ to first
sample
20
µs
Figure 5. ISL73141SEH Operational Timing Diagram
12
13
14
12
SCKL
t
SCKH
t
t
SCK
HI-Z
HI-Z
CS
SCK
SDO
CSH
t
t
CONV
READOUT
t
tCYC
B13
B12
B0
B1
B2
B3
t DBUSYLSDOV
tHSDOV
t
DCSLSDOL
tDCSHSDOZ
Serial Data Bits B[13:0] Correspond to the Current Conversion
t
BUSYLH
BUSY
t QUIET
Acquire
Convert
Nap and Readout
Acquire
CSH
t
t
DSCKSDOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com