Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P9268 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # IDT70P9268
Description  MOBILE MULTIMEDIA INTERFACE (M2I) VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT70P9268 Datasheet(HTML) 3 Page - Renesas Technology Corp

  IDT70P9268 Datasheet HTML 1Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 2Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 3Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 4Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 5Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 6Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 7Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 8Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3 of 23
November 16, 2007
IDT70P9268
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
Industrial Temperature Range
Pin Configuration
IDT70P9268
BY100
100-BALL fpBGA
NOTES:
1. The device setup shown above features multiplexed address and data signals on the right port and non-multiplexed address and data signals on the left port.
2. For multiplexed address and data signal operation on the left port, this pin should be set to VDD. For non-multiplexed address and data signal operation on the left port,
this pin should be set to VSS.
3. For multiplexed address and data signal operation on the left port, these pins should be set to VSS.
A1
VSS
A2
I/O0R
A3
VDD
A4
I/O4R
A5
I/O7R
A6
VDD
A7
I/O10R
A8
VDD
A9
I/O15R
A10
SFEN
B1
R/
WR
B2
CLKR
B3
I/O1R
B4
VSS
B5
I/O5R
B6
VSS
B7
I/O11R
B8
VSS
B9
I/O14R
B10
OER
C1
ADSR
C2
CNTENR
C3
CNTRPTR
C4
I/O2R
C5
I/O6R
C6
I/O8R
C7
I/O12R
C8
ZZR
C9
SF7
C10
VSS
D1
CER
D2
INTR
D3
UBR
D4
LBR
D5
I/O3R
D6
I/O9R
D7
I/O13R
D8
SF6
D9
SF5
D10
SF4
E1
INTL
E2
VSS
E3
VDD
E4
UBL
E5
CNTRPTL
E6
SF0
E7
MSEL(2)
E8
VDD
E9
VSS
E10
VDD
F1
CEL
F2
LBL
F3
CNTENL
F4
CLKL
F5
VSS
F6
A13L(3)
F7
SF2
F8
VSS
F9
VSS
F10
SF1
G1
ADSL
G2
A0L(3)
G3
A3L(3)
G4
VDD
G5
I/O8L
G6
I/O12L
G7
A7L(3)
G8
ZZL
G9
OEL
G10
SF3
H1
R/
WL
H2
A2L(3)
H3
I/O0L
H4
VSS
H5
I/O4L
H6
I/O11L
H7
I/O13L
H8
A9L(3)
H9
A12L(3)
H10
NC
J1
A1L(3)
J2
A5L(3)
J3
I/O1L
J4
I/O6L
J5
I/O7L
J6
I/O9L
J7
VDD
J8
I/O15L
J9
A10L(3)
J10
A11L(3)
K1
A4L(3)
K2
A6L(3)
K3
I/O2L
K4
I/O3L
K5
I/O5L
K6
VDD
K7
I/O10L
K8
VSS
K9
I/O14L
K10
A8L(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com