Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P9268 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # IDT70P9268
Description  MOBILE MULTIMEDIA INTERFACE (M2I) VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT70P9268 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button IDT70P9268 Datasheet HTML 4Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 5Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 6Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 7Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 8Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 9Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 10Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 11Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8 of 23
November 16, 2007
IDT70P9268
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
Industrial Temperature Range
AC Electrical Characteristics Over the Operating Temperature Range
(Read and Write Cycle Timing for Multiplexed Port) (VDD = 1.8V +/- 100mV)
70P9268L
Ind. Only
Symbol
Parameter
Min.
Max.
Unit
tCYC
Clock Cycle Time
20
--
ns
tCH
Clock High Time
8
--
ns
tCL
Clock Low Time
8
--
ns
tR
Clock Rise Time
--
3
ns
tF
Clock Fall Time
--
3
ns
tSA
Address Setup Time
5
--
ns
tHA
Address Hold Time
1
--
ns
tSB
Bite Enable Setup Time
5
--
ns
tHB
Bite Enable Hold Time
1
--
ns
tSC
Chip Enable Setup Time
5
--
ns
tHC
Chip Enable Hold Time
1
--
ns
tSW
R/W Setup Time
5
--
ns
tHW
R/W Hold Time
1
--
ns
tSD
Input Data Setup Time
5
--
ns
tHD
Input Data Hold Time
1
--
ns
tSAD
ADS Setup Time
5
--
ns
tHAD
ADS Hold Time
1
--
ns
tSCN
CNTEN Setup Time
5
--
ns
tHCN
CNTEN Hold Time
1
--
ns
tSRST
CNTRST Setup Time
5
--
ns
tHRST
CNTRST Hold Time
1
--
ns
tOE
Output Enable to Data Valid
--
10
ns
tOLZ
Output Enable to Low Z
2
--
ns
tOHZ
Output Enable to High Z
--
10
ns
tCD
Clock to Data Valid
--
12
ns
tDC
Data Output Hold After Clock High
2
--
ns
tCKHZ
Clock High to Output High Z
2
9
ns
tCKLZ
Clock High to Output Low Z
2
--
ns
tINS
Interrupt Flag Set Time
12
--
ns
tINR
Interrupt Flag Reset Time
12
--
ns
tCO
Clock to Clock Offset
5
--
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com