Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P9268 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # IDT70P9268
Description  MOBILE MULTIMEDIA INTERFACE (M2I) VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT70P9268 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button IDT70P9268 Datasheet HTML 16Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 17Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 18Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 19Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 20Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 21Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 22Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 23Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22 of 23
November 16, 2007
IDT70P9268
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
Industrial Temperature Range
Special Function I/O Operation
The PDR determines whether the SFX pins will operate as IRR or ODR. The PDR is programmed by writing to address x0000 with
SFEN = VIL and
I/O8 = H. Writing a “0” to I/OX will set SFX to be an IRR pin. Writing a “1” to I/OX will set SFX to be an ODR pin.
The status of the Special Function pins and the PDR can be read as a standard memory access to address x0000 from either port and the data is
output via the standard I/Os (Truth Table V). During Special Function reads I/O0 - I/O7 output the status of the Special Function pins with I/On corre-
sponding to SFn. I/O8 - I/O15 outputs the status of the Pin Direction Register with I/On = PDRn-8.
For SF pins set to ODR operation, the status of these pins is determined by using standard write accesses from either port to address x0000 with
SFEN = VIL and I/O8 = L. A written “1” will correspond to “on” for the connected binary state device and a written “0” will correspond to “off”.
Sleep Mode
The IDT70P9268 is equipped with an optional sleep or low-power mode on both ports. The sleep mode pin on both ports is asynchronous and active
high. During normal operation, the ZZ-pin is pulled low. When ZZ is pulled high, the port will enter sleep mode where it will meet lowest possible power
conditions. The sleep mode timing diagram shows the modes of operation: Normal Operation, No Read/Write Allowed and Sleep Mode.
For normal operation all inputs must meet setup and hold times prior to sleep and after recovering from sleep. Clocks must also meet cycle high and
low times during these periods. Three cycles prior to asserting ZZ (ZZX = VIH) and three cycles after de-asserting ZZ (ZZX = VIL), the device must be
disabled via the chip enable pins. If a write or a read operation occurs during these periods, the memory array may be corrupted. Validity of data out
from the RAM cannot be guaranteed immediately after ZZ is asserted (prior to being in sleep). When exiting sleep mode, the device must be in Read
mode (R/
WX = VIH) when chip enable is asserted, and the chip enable must be valid for one full cycle before a read will result in the output of valid
data.
During sleep mode the RAM automatically deselects itself. The RAM disconnects its internal clock buffer. The external clock may continue to run
without impacting the RAMs sleep current (IZZ). All outputs will remain in high-Z state while in sleep mode. All inputs are allowed to toggle. The RAM
will not be selected and will not perform any reads or writes.
I/O
Func tion
0 – 7
With
SFEN = L, I/O 8 = H , th e valu e w ritten to address 0 on I/O n w ill determ ine the
status of P D R n (1 = ou tput, 0 = in put). W ith
SFEN = L, I/O 8 = L, th e value w ritte n to
address 0 o n I/O n w ill be in put to th e corre spon din g O D R n lo cation (1 = on, 0 = off).
8
With
SFEN = L, w ritin g a “0” to a ddress 0 o n th is I/O ca uses the va lues of I/O 0 – I/O 7 to
be inpu t to th e ir c o rre spon d ing O D R lo cations. W ith
SFEN = L, w ritin g a “1” to a d dress
0 on th is I/O caus es th e values of I/O 0 – I/O 7 to b e in p u t to th e ir c o rre s p o n d in g P D R
lo cations, w h ic h in tu rn determ ine w h eth e r S F 0 – S F 7 are in dividu ally program m ed to
b e in p u ts (IR R ) o r o u tp u ts (O D R ).
9 – 1 5
With
SFEN = L, rea ds to ad dress 0 w ill output the sta tu s of the P D R , w h ere I/O n =
P DRn -8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com