Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P9268 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # IDT70P9268
Description  MOBILE MULTIMEDIA INTERFACE (M2I) VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT70P9268 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button IDT70P9268 Datasheet HTML 8Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 9Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 10Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 11Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 12Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 13Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 14Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 15Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12 of 23
November 16, 2007
IDT70P9268
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
Industrial Temperature Range
Timing Waveform of Mux’d Port Write to Non-Mux’d Port Read
NOTES:
1.
CE, UB/LBn = VIL; CNTEN and CNTRPT = VIH.
2.
OE = VIL for Port, which is being read from. OE = VIH for Mux’d Port, which is being written to.
3. If tCO < minimum specified, then data from Non-Mux’d Port read is not valid until following Non-Mux’d Port clock cycle (i.e., time from write to valid read on opposite port will be tCO + 2
tCYC2 + tCD2). If tCO > minimum, then data from Non-Mux’d Port read is available on first Non-Mux’d Port clock cycle (i.e., time from write to valid read on opposite port will be tCO + tCYC2
+ tCD2).
ADDR / DATAA
R/WA
CLKA
tCH
tCL
tCYC
ADSA
t
sw
tHW
tSA
tHA
MATCH
VALID
tSA
tHA
tSD
tHD
tCO
tSW
tHW
tCD
tSA
tHA
MATCH
NO
MATCH
VALID
tCH
tCL
tCYC
R/WB
CLKB
ADDRESSB
DATAB
tDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com