Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P9268 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # IDT70P9268
Description  MOBILE MULTIMEDIA INTERFACE (M2I) VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT70P9268 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button IDT70P9268 Datasheet HTML 11Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 12Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 13Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 14Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 15Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 16Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 17Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 18Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15 of 23
November 16, 2007
IDT70P9268
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
Industrial Temperature Range
Timing Waveform of Non-Mux’d Port Read-to-Write-to-Read (OE Controlled)
NOTES:
1. Output state (High, Low, or High-impedance) is determined by the previous cycle control signals.
2.
CE and ADS = VIL; CNTEN, and CNTRPT = VIH. "NOP" is "No Operation".
3. Addresses do not have to be accessed sequentially since
ADS = VIL constantly loads the address on the rising edge of the CLK; numbers
are for reference use only.
ADDRESS
DATAOUT
CLK
Dn+2
tSA
tHA
An
READ
An+1
An+2
An+3
An+4
An+5
Qn+4
WRITE
READ
tSC
tHC
tSD
tHD
Qn
tCH
tCL
tCYC
tSB
tHB
tSW
tHW
tSW
tHW
tCD
tCKHZ
CE
R/W
DATA
IN
Dn+3
tOHZ
(1)
OE
UB / LB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com