Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P9268 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # IDT70P9268
Description  MOBILE MULTIMEDIA INTERFACE (M2I) VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT70P9268 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button IDT70P9268 Datasheet HTML 16Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 17Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 18Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 19Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 20Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 21Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 22Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 23Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21 of 23
November 16, 2007
IDT70P9268
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
Industrial Temperature Range
Functional Description
The 70P9268L provides a true synchronous multiplexed and non-multiplexed Dual-Port Static RAM interface. Registered inputs provide minimal set-
up and hold times on address, data, and all critical control inputs. All internal registers are clocked on the rising edge of the clock signal. Counter
enable and counter repeat inputs are provided to facilitate burst reads and writes to the memory.
Synchronous Interrupts
If the user chooses the interrupt function, a memory location (mail box or message center) is assigned to each port. The left port interrupt flag (
INTL) is
asserted when the right port writes to memory location 3FFE (HEX), where a write is defined as
CER = R/WR = VIL. The left port clears the interrupt
through access of address location 3FFE when
CEL = VIL, R/WL = VIH. Likewise, the right port interrupt flag (INTR) is asserted when the left port writes
to memory location 3FFF (HEX) and to clear the interrupt flag (
INTR), the right port must read the memory location 3FFF. The message (16 bits) at
3FFE or 3FFF is user-defined since it is an addressable SRAM location. If the interrupt function is not used, address, locations 3FFE and 3FFF are not
used as mail boxes, but as part of the random access memory.
Truth Table IV - Interrupt Flag
Advanced Input Read and Output Drive Registers
The IDT70P9268L is equipped with 8 Special Function (SFX) pins that can be programmed to function as either Input Read Register (IRR) or Output
Drive Register (ODR) pins. IRR pins allow the user to capture the status of external binary state devices and report that status to a processor, ASIC,
FPGA, etc. via a standard read access from either port. ODR pins allow the user to monitor and control the state of external binary state devices via
standard reads and writes from either port. The functionality of the SF pins are determined by the status of the Pin Direction Register (PDR). Refer to
Truth Table V for information on programming the PDR and operating the special function pins.
Truth Table V - Input Read and Output Drive Registers
NOTES:
1. If I/On = H, SFn is programmed as an output and I/On will be used to read and write to this ODR location during subsequent transactions when I/O8 = L. If I/On= L, SFn is programmed
as an input and I/On will be used to read this IRR location during subsequent reads where I/O8 = L.
2. For n = 0-7. If PDRn = 0, I/On = IRRn (the registered value of SFn). If PDRn = 1, I/On = ODRn (the value last written to ODRn).
3. For n = 8-15, I/On = PDRn-8.
4. For I/O0 - I/O7, the value written to I/On will be input to each ODRn location (where PDRn = 1) with a “1” corresponding to “on” and a “0” corresponding to “off”.
Left Port
Right Port
CLKL
R/
W
L
CE
L
ADDL
INT
L
CLKR
R/
W
R
CE
R
ADDR
INT
R
Function
L
L
3FFF
X
X
X
X
L
Set Right INTR Flag
X
X
X
X
H
L
3FFF
H
Reset Right INTR Flag
X
X
X
L
L
L
3FFE
X
Set Left INTL Flag
H
L
3FFE
H
X
X
X
X
Reset Left INTL Flag
SFEN
ADDR
R/
W
I/O 0 – I/O 7
I/O 8
I/O 9 – I/O 15
Function
L
0
L
N ote 1
H
X
P rogram P in D irection R egister
L
0
H
N ote 2
N ote 3
Note 3
R eading the status of S F n and P DR n
L
0
L
N ote 4
L
X
W rite to O utput D rive R egister



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com