Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P9268 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # IDT70P9268
Description  MOBILE MULTIMEDIA INTERFACE (M2I) VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT70P9268 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button IDT70P9268 Datasheet HTML 3Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 4Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 5Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 6Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 7Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 8Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 9Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 10Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7 of 23
November 16, 2007
IDT70P9268
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
Industrial Temperature Range
DC Electrical Characteristics Over the Operating Temperature and Supply
Voltage Range (VDD = 1.8V +/- 100mV)
NOTES:
1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using “AC TEST CONDITIONS” at input levels of GND to 1.8V.
2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby.
3. Port “A” may be either left or right port. Port “B” is the opposite from port “A”.
AC Test Conditions
Input Pulse Levels
VSS to VDD
Input Rise/Fall Times
3ns Max.
Input Timing Reference Levels
VDD/2
Output Reference Levels
VDD/2
Output Load
Figure 1
1.8V
R1
13500
Ω
R2
13500
Ω
70P9268
Symbol
Parameter
Test Conditions
Typ.
Max.
IDD
Dynamic Operating
Current (Both Ports
Active)
CEL and CER = VIL,
Outputs Disabled,
f = fMAX
(1)
15 mA
25 mA
ISB1
Standby Current
(Both Ports – TTL
Inputs)
CEL = CER = VIH,
Outputs Disabled,
f = fMAX
(1)
2 mA
4 mA
ISB2
Standby Current
(One Port – TTL
Inputs)
CE”A” = VIL and CE”B” = VIH
(3),
Active Port Outputs Disabled,
f = fMAX
(1)
3 mA
5 mA
ISB3
Full Standby Current
(Both Ports CMOS
Inputs)
Both Ports Outputs Disabled
CEL and CER > VDD – 0.2V,
VIN > VDD – 0.2V,
or VIN < 0.2V, f = 0
(2)
2 uA
8 uA
ISB4
Full Standby Current
(One Port – CMOS
Inputs)
CE”A” < 0.2V and CE”B” > VDD – 0.2V,
VIN > VDD – 0.2V or VIN < 0.2V,
Active Port Outputs Disabled, f = fMAX
(1)
3 mA
5 mA
IZZ
Sleep Mode Current
ZZL and ZZR > VDD – 0.2V
2 uA
8 uA
R1
R2
30pF(1)
1.8V
Figure 1. AC Output Test Level
(5pF for tLZ, tHZ, tWZ, tOW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com