Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P9268 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # IDT70P9268
Description  MOBILE MULTIMEDIA INTERFACE (M2I) VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT70P9268 Datasheet(HTML) 1 Page - Renesas Technology Corp

  IDT70P9268 Datasheet HTML 1Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 2Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 3Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 4Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 5Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 6Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 7Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 8Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1 of 23
November 16, 2007
DSC 5695/2
Features
◆ True Dual-Ported Memory Cells
–
Allows simultaneous access of the same memory location
◆ High per-port throughput performance
–
Industrial: 800 Mbps
◆ Low-Power Operation
–
Active: 15 mA (typ.)
–
Standby: 2 uA (typ.)
◆ Multiplexed address and data I/Os
◆ Counter enable and repeat features
◆ Full synchronous operation on both ports
◆ Separate upper-byte and lower-byte controls for multiplexed bus
and bus matching compatibility
◆ LVTTL-compatible, single 1.8V (+/- 100mV) power supply
◆ Industrial temperature range (-40C to +85C)
◆ Available in a 100-ball fpBGA (fine pitch BGA)
◆ Green parts available, see ordering information
Block Diagram
NOTES:
1. This block diagram depicts operation with the address and data signals mux’d on the right port but not on the left port. If each port is set to operate with the address and data signals
mux’d, then both sides of the block diagram will be the same as the right port pictured above.
16K x 16
MEMORY
ARRAY
CONTROL
LOGIC
SPECIAL FUNCTION
LOGIC
ZZ CONTROL
LOGIC
Address/Data
I/O Control
I/O0R – I/O15R
ADSR
UBR
LBR
CNTENR
CNTRPTR
CER
OER
R/WR
INTR
CLKR
SF0 – SF7
ZZR
SFEN
CLKR
Address/Data
I/O Control
I/O0L – I/O15L
ADSL
UBL
LBL
CNTENL
CNTRPT L
CLKL
A0L – A13L
CEL
OEL
R/WL
INTL
CLKL
ZZL
DATA0L – DATA15L
Addr0L – Addr13L
DATA0R – DATA15R
Addr0R – Addr13R
Datasheet
IDT70P9268
MOBILE MULTIMEDIA INTERFACE (M2I)
VERY LOW POWER 1.8V
16K X 16
SYNCHRONOUS
DUAL-PORT STATIC RAM


Similar Part No. - IDT70P9268

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P926850BZG IDT-IDT70P926850BZG Datasheet
229Kb / 23P
MOBILE MULTIMEDIA INTERFACE VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70P926850BZGI IDT-IDT70P926850BZGI Datasheet
229Kb / 23P
MOBILE MULTIMEDIA INTERFACE VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70P9268L IDT-IDT70P9268L Datasheet
229Kb / 23P
MOBILE MULTIMEDIA INTERFACE VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70P9268

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P257 IDT-IDT70P257 Datasheet
295Kb / 23P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
IDT70P9268L IDT-IDT70P9268L Datasheet
229Kb / 23P
MOBILE MULTIMEDIA INTERFACE VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70P257 IDT-IDT70P257_09 Datasheet
169Kb / 23P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
IDT70P258 IDT-IDT70P258_09 Datasheet
174Kb / 23P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P256 RENESAS-IDT70P256 Datasheet
465Kb / 24P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
IDT70P257 RENESAS-IDT70P257 Datasheet
463Kb / 24P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
IDT70P258 RENESAS-IDT70P258 Datasheet
360Kb / 24P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com