Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P9268 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # IDT70P9268
Description  MOBILE MULTIMEDIA INTERFACE (M2I) VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT70P9268 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button IDT70P9268 Datasheet HTML 2Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 3Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 4Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 5Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 6Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 7Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 8Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 9Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6 of 23
November 16, 2007
IDT70P9268
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
Industrial Temperature Range
Recommended DC Operating Conditions
Absolute Maximum Ratings
Capacitance
DC Electrical Characteristics Over the Operating Temperature and Supply
Voltage Range (VDD = 1.8V +/- 100mV)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
1.7
1.8
1.9
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
1.2
--
VDD + 0.2
V
VIL
Input Low Voltage
-0.2
--
0.4
V
Symbol
Rating
Industrial
Unit
VDD
Voltage on Input, Output and
I/O Terminals with Respect to
VSS
-0.5V to VDD +0.3V
V
VTERM
Terminal Voltage with
Respect to GND
-0.5V to +2.9V
V
TBIAS
Temperature Under Bias
-55 to +125
°C
TSTG
Storage Temperature
-65 to +150
°C
TJN
Junction Temperature
+150
°C
IOUT
DC Output Current
20
mA
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
9
PF
COUT
Output Capacitance
VOUT = 0V
11
PF
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
|ILI|
Input Leakage Current
VIN = VSS to VDD
--
1
uA
|ILO|
Output Leakage Current
CEx = VIH or OEx = VIH or
VOUT = VSS to VDD
--
1
uA
VOL
Output Low Voltage
IOL = 0.1mA, VDD = Min
--
0.2
V
VOH
Output High Voltage
IOH = -0.1mA, VDD = Min
VDD – 0.2V
--
V
VOLSF
Output Low Voltage
IOL = 4mA, VDD = Min
--
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com