Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P9268 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # IDT70P9268
Description  MOBILE MULTIMEDIA INTERFACE (M2I) VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT70P9268 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button IDT70P9268 Datasheet HTML 16Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 17Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 18Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 19Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 20Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 21Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 22Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 23Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23 of 23
November 16, 2007
IDT70P9268
CORPORATE HEADQUARTERS
6024 Silver Creek Valley Road
San Jose, CA 95138
for SALES:
800-345-7015 or 408-284-8200
fax: 408-284-2775
www.idt.com
for Tech Support:
408-284-2794
DualPortHelp@idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Very Low Power 16K x 16 Dual Port Synchronous Static RAM
Industrial Temperature Range
Ordering Information
Revision History
02/06/07: Initial Release
08/21/07: Final Datasheet. Initial Release
11/16/07: Signal corrections - added overbars to indicate low active signals. See pages 3, 4, 5, 21 & 22.
FBD correction - changed signal arrow indicator for Addr0L - Addr13L and added overbar to SFEN to indicate low active signal. See page 1.
Footnote correction - removed CE1 and replaced
REPEAT with CNTRPT. See pages 12, 14, 15 & 16.
Footnote correction - removed
UB/LB. See pages 14 & 15.
Unit measurement column corrected for DC Electrical Chars Over Operating Temp & Supply Voltage Range table. See page 6.
Added Bite Enable Setup Time (tSB), Bite Enable Hold Time (tHB) values and the unit measurement column to the AC Electrical Chars
Over Operating Temp Range tables. See pages 8 & 9.
Added Output Enable to Data Valid (tOE) values to the AC Electrical Chars Over Operating Temp Range table (non-multiplexed port). See
page 9.
Corrected the Clock High to Output Low Z (tCKLZ) symbol in the Timing Waveform for Mux’d Port Single Read Cycle. See page 10.
XXXXX
AA
Device
Type
Package
Process/
Temperature
Range
Blank
I
Commercial (0°C to+70°C)
Industrial (-40°C to+85°C)
BZ
70P9268
100-pin FPBGA (BY-100)
16Kx16 Low-Power Dual-Port RAM
A
G
Green
999
Speed
50
Speed in Megahertz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com