Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P9268 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # IDT70P9268
Description  MOBILE MULTIMEDIA INTERFACE (M2I) VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT70P9268 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button IDT70P9268 Datasheet HTML 13Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 14Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 15Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 16Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 17Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 18Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 19Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 20Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17 of 23
November 16, 2007
IDT70P9268
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
Industrial Temperature Range
Timing Waveform of Non-Mux’d Port Operation with Counter Repeat
NOTES:
1.
CE, UB/LB = VIL.
2. The "Internal Address" is equal to the "External Address" when
ADS = VIL and equals the counter output when ADS = VIH.
3
. No dead cycle exists during CNTRPT operation. A READ or WRITE cycle may be coincidental with the counter CNTRPT cycle: Address loaded by last valid ADS load will be accessed.
4.
CNTEN = VIL advances Internal Address from ‘An’ to ‘An +1’. The transition shown indicates the time required for the counter to advance. The ‘An +1’Address is written to during this
cycle.
CLK
Data 1
Data 0
Data 3
Data 2
ADS
tSAD
tHAD
tSA
tHA
An
tSA
tHA
An
tSCN
tHCN
WRITE TO ADS ADDRESS An
ADVANCE COUNTER
WRITE TO An+1
ADDRESS
INTERNAL
ADDRESS
CNTEN
DATAIN
R/W
An+1
An+2
An+2
An
An+1
An+2
tSW
tHW
tSRPT
tHRPT
Data 1
Data 0
ADVANCE COUNTER
WRITE TO An+2
HOLD COUNTER
WRITE TO An+2
REPEAT
READ LAST ADS ADDRESS An
ADVANCE COUNTER
READ An+1
ADVANCE
COUNTER
READ An+1
CNTRPT
DATAOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com