Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P9268 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # IDT70P9268
Description  MOBILE MULTIMEDIA INTERFACE (M2I) VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT70P9268 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button IDT70P9268 Datasheet HTML 12Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 13Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 14Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 15Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 16Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 17Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 18Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 19Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16 of 23
November 16, 2007
IDT70P9268
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
Industrial Temperature Range
Timing Waveform of Non-Mux’d Port Write with Counter Advance
NOTES:
1.
CE, UB/LB, and R/W = VIL; CNTRPT = VIH.
2.
CE, UB/LB = VIL.
3. The "Internal Address" is equal to the "External Address" when
ADS = VIL and equals the counter output when ADS = VIH.
4.
CNTEN = VIL advances Internal Address from ‘An’ to ‘An +1’. The transition shown indicates the time required for the counter to advance. The ‘An +1’Address is written to during this
cycle.
CLK
Dn+1
Dn
Dn+2
Dn+1
ADS
tSAD
tHAD
tSA
tHA
An
tSA
tHA
An
An+1
An+2
An+3
An+4
tSCN
tHCN
Dn+3
WRITE EXTERNAL ADDRESS
WRITE WITH COUNTER
WRITE COUNTER HOLD
ADDRESS
INTERNAL
ADDRESS
CNTEN
DATAIN
Dn+4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com