Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P9268 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # IDT70P9268
Description  MOBILE MULTIMEDIA INTERFACE (M2I) VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT70P9268 Datasheet(HTML) 4 Page - Renesas Technology Corp

  IDT70P9268 Datasheet HTML 1Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 2Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 3Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 4Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 5Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 6Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 7Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 8Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4 of 23
November 16, 2007
IDT70P9268
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
Industrial Temperature Range
Pin Names (70P9268)
Left Port
R ight Port
N am es
CE
L
CE
R
C hip E n ab le (In put)
R/
W
L
R/
W
R
R ead/W rite E nable (Inp ut)
OE
L
OE
R
O utput E n able (In put)
A 0L – A15L
N /A
A ddress (Inp ut)
I/O 0L – I/O 15L
N /A
D ata (In put/O utpu t)
N /A
I/O +A 0R – I/O +A15R
M ultip lexe d A ddress an d D ata (In put/O u tput)
CLK L
CLK R
C lock (Input)
UB
L
UB
R
U pper B yte E nable (Inp ut)
LB
L
LB
R
Lo w er B yte E nable (Inp ut)
ADS
L
ADS
R
A ddress S trobe E nab le (In put)
CNTEN
L
CNTEN
R
C ounter E nab le (Input)
CNTRPT
L
CNTRPT
R
C ounter R e peat (Inpu t)
INT
L
INT
R
Interrupt F la g (O utp ut)
ZZ L
ZZ R
S le ep M od e E nable (Inp ut)
SFEN
S pecial F unction E n able (In put)
SF 0-7
S pecial F unction I/O (Inp ut/O utput)
M S EL
Left Port M ode Select (Inp ut)
V DD
P o w er (1 .8 V )
V SS
G round (0 V )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com