Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P9268 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # IDT70P9268
Description  MOBILE MULTIMEDIA INTERFACE (M2I) VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT70P9268 Datasheet(HTML) 5 Page - Renesas Technology Corp

  IDT70P9268 Datasheet HTML 1Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 2Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 3Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 4Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 5Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 6Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 7Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 8Page - Renesas Technology Corp IDT70P9268 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5 of 23
November 16, 2007
IDT70P9268
Very Low Power 16K x 16 Synchronous Mobile Multimedia Interface (M2I) Dual Port Static RAM
Industrial Temperature Range
Truth Table I - Read/Write and Enable Control (Multiplexed Port)
Truth Table II - Read/Write and Enable Control (Non-Multiplexed Port)
Truth Table III - Address Counter Control
Recommended Operating Temperature and Supply Voltage
OE
CLK
CE
UB
LB
R/
W
ADS
ZZ
Upper
Byte
Lower
Byte
Cycle
Address
Mode
X
↑
H
X
X
X
X
L
High Z
High Z
X
X
Deselected
X
↑
L
H
H
X
X
L
High Z
High Z
X
X
Both bytes deselected
X
↑
L
L
H
L
L
L
--
--
N
AN
X
↑
X
X
X
L
H
L
DIN
High Z
N+1
--
Write to Upper Byte
X
↑
L
H
L
L
L
L
--
--
N
AN
X
↑
X
X
X
L
H
L
High Z
DIN
N+1
--
Write to Lower Byte
X
↑
L
L
L
L
L
L
--
--
N
AN
X
↑
X
X
X
L
H
L
DIN
DIN
N+1
--
Write to Both Bytes
H
↑
L
L
H
H
L
L
--
--
N
AN
L
↑
X
X
X
H
H
L
DOUT
High Z
N+2
--
Read Upper Byte Only
H
↑
L
H
L
H
L
L
--
--
N
AN
L
↑
X
X
X
H
H
L
High Z
DOUT
N+2
--
Read Lower Byte Only
H
↑
L
L
L
H
L
L
--
--
N
AN
L
↑
X
X
X
H
H
L
DOUT
DOUT
N+2
--
Read Both Bytes
H
↑
L
L
L
X
H
L
High Z
High Z
X
X
Outputs Disabled
X
X
X
X
X
X
X
H
High Z
High Z
X
X
Sleep Mode – Power down
OE
CLK
CE
UB
LB
R/
W
ZZ
Upper Byte I/O
Lower Byte I/O
Mode
X
↑
H
X
X
X
L
High Z
High Z
Deselected
X
↑
L
H
H
X
L
High Z
High Z
Both Bytes Deselected
X
↑
L
L
H
L
L
DIN
High Z
Write To Upper Byte Only
X
↑
L
H
L
L
L
High Z
DIN
Write to Lower Byte Only
X
↑
L
L
L
L
L
DIN
DIN
Write to Both Bytes
L
↑
L
L
H
H
L
DOUT
High Z
Read Upper Byte Only
L
↑
L
H
L
H
L
High Z
DOUT
Read Lower Byte Only
L
↑
L
L
L
H
L
DOUT
DOUT
Read Both Bytes
H
↑
L
L
L
X
L
High Z
High Z
Outputs Disabled
X
X
X
X
X
X
H
High Z
High Z
Sleep Mode – Power Down
External
Address
Previous
Internal
Address
Internal
Address
Used
CLK
ADS
CNTEN
CNTRPT
Mode
An
X
An
↑
L
X
H
External Address Used
X
An
An + 1
↑
H
L
H
Counter Enabled – Internal Address
Generation
X
An + 1
An + 1
↑
H
H
H
External Address Blocked – Counter
Disabled (An + 1 reused)
X
X
An
↑
X
X
L
Counter Reset to Last External Address
Loaded
Grade
Ambient Temperature
GND
VDD
Industrial
-40
°C to +85°C
0V
1.8V +/- 100mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com