Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 62Page - STMicroelectronics STM32H742II Datasheet HTML 63Page - STMicroelectronics STM32H742II Datasheet HTML 64Page - STMicroelectronics STM32H742II Datasheet HTML 65Page - STMicroelectronics STM32H742II Datasheet HTML 66Page - STMicroelectronics STM32H742II Datasheet HTML 67Page - STMicroelectronics STM32H742II Datasheet HTML 68Page - STMicroelectronics STM32H742II Datasheet HTML 69Page - STMicroelectronics STM32H742II Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 357 page
background image
Pin descriptions
STM32H742xI/G STM32H743xI/G
66/357
DS12110 Rev 10
-
-
15
F5
K3
21
24
J4
PF5
I/O
FT_
ha
-
FMC_A5, EVENTOUT
ADC3_INP4
10
-
16
B10
G2
22
25
C10
VSS
S
-
-
-
-
11
-
17
G1
G3
23
26
E9
VDD
S
-
-
-
-
-
-
18
G4
K2
24
27
K2
PF6
I/O
FT_
ha
-
TIM16_CH1, SPI5_NSS,
SAI1_SD_B, UART7_RX,
SAI4_SD_B,
QUADSPI_BK1_IO3,
EVENTOUT
ADC3_INN4,
ADC3_INP8
-
-
19
F6
K1
25
28
K3
PF7
I/O
FT_
ha
-
TIM17_CH1, SPI5_SCK,
SAI1_MCLK_B,
UART7_TX,
SAI4_MCLK_B,
QUADSPI_BK1_IO2,
EVENTOUT
ADC3_INP3
-
-
20
H4
L3
26
29
K4
PF8
I/O
FT_
ha
-
TIM16_CH1N,
SPI5_MISO,
SAI1_SCK_B,
UART7_RTS/UART7_DE
, SAI4_SCK_B,
TIM13_CH1,
QUADSPI_BK1_IO0,
EVENTOUT
ADC3_INN3,
ADC3_INP7
-
-
21
G5
L2
27
30
L4
PF9
I/O
FT_
ha
-
TIM17_CH1N,
SPI5_MOSI, SAI1_FS_B,
UART7_CTS,
SAI4_FS_B, TIM14_CH1,
QUADSPI_BK1_IO1,
EVENTOUT
ADC3_INP2
-
-
22
H3
L1
28
31
L3
PF10
I/O
FT_
ha
-
TIM16_BKIN, SAI1_D3,
QUADSPI_CLK,
SAI4_D3, DCMI_D11,
LCD_DE, EVENTOUT
ADC3_INN2,
ADC3_INP6
12
C1
23
H1
G1
29
32
J2
PH0-
OSC_IN
(PH0)
I/O
FT
-
EVENTOUT
OSC_IN
13
D1
24
H2
H1
30
33
J1
PH1-
OSC_OUT
(PH1)
I/O
FT
-
EVENTOUT
OSC_OUT
14
E1
25
G6
J1
31
34
K1
NRST
I/O
RST
-
-
-
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com