Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 68Page - STMicroelectronics STM32H742II Datasheet HTML 69Page - STMicroelectronics STM32H742II Datasheet HTML 70Page - STMicroelectronics STM32H742II Datasheet HTML 71Page - STMicroelectronics STM32H742II Datasheet HTML 72Page - STMicroelectronics STM32H742II Datasheet HTML 73Page - STMicroelectronics STM32H742II Datasheet HTML 74Page - STMicroelectronics STM32H742II Datasheet HTML 75Page - STMicroelectronics STM32H742II Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 357 page
background image
Pin descriptions
STM32H742xI/G STM32H743xI/G
72/357
DS12110 Rev 10
-
-
61
C12
M9
71
82
J17
VSS
S
-
-
-
-
-
-
62
C13
N97283
J13
VDD
S
-
-
-
-
40
G6
63
M8
R9
73
84
N9
PE10
I/O
FT_
ha
-
TIM1_CH2N,
DFSDM1_DATIN4,
UART7_CTS,
QUADSPI_BK2_IO3,
FMC_D7/FMC_DA7,
EVENTOUT
COMP2_INM
41
H6
64
N8
P10
74
85
P10
PE11
I/O
FT_
ha
-
TIM1_CH2,
DFSDM1_CKIN4,
SPI4_NSS, SAI2_SD_B,
FMC_D8/FMC_DA8,
LCD_G3, EVENTOUT
COMP2_INP
42
J6
65
L8
R10
75
86
R10
PE12
I/O
FT_h
-
TIM1_CH3N,
DFSDM1_DATIN5,
SPI4_SCK,
SAI2_SCK_B,
FMC_D9/FMC_DA9,
COMP1_OUT, LCD_B4,
EVENTOUT
-
43
K6
66
K8
N11
76
87
T10
PE13
I/O
FT_h
-
TIM1_CH3,
DFSDM1_CKIN5,
SPI4_MISO, SAI2_FS_B,
FMC_D10/FMC_DA10,
COMP2_OUT, LCD_DE,
EVENTOUT
-
-
-
-
L12
F7
-
-
T12
VSS
S
-
-
-
-
-
-
-
H13
-
-
-
K13
VDD
S
-
-
-
-
44
G7
67
J9
P11
77
88
U10
PE14
I/O
FT_h
-
TIM1_CH4, SPI4_MOSI,
SAI2_MCLK_B,
FMC_D11/FMC_DA11,
LCD_CLK, EVENTOUT
-
45
H7
68
N9
R11
78
89
R11
PE15
I/O
FT_h
-
TIM1_BKIN,
FMC_D12/FMC_DA12,
TIM1_BKIN_COMP12/
COMP_TIM1_BKIN,
LCD_R7, EVENTOUT
-
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com