Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 81 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 77Page - STMicroelectronics STM32H742II Datasheet HTML 78Page - STMicroelectronics STM32H742II Datasheet HTML 79Page - STMicroelectronics STM32H742II Datasheet HTML 80Page - STMicroelectronics STM32H742II Datasheet HTML 81Page - STMicroelectronics STM32H742II Datasheet HTML 82Page - STMicroelectronics STM32H742II Datasheet HTML 83Page - STMicroelectronics STM32H742II Datasheet HTML 84Page - STMicroelectronics STM32H742II Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 357 page
background image
DS12110 Rev 10
81/357
STM32H742xI/G STM32H743xI/G
Pin descriptions
101
-
-
-
-
D13
130
153
B16
PH15
I/O
FT_h
-
TIM8_CH3N, FMC_D23,
DCMI_D11, LCD_G4,
EVENTOUT
-
-
-
-
A13
E14
131
154
A16
PI0
I/O
FT_h
-
TIM5_CH4,
SPI2_NSS/I2S2_WS,
FMC_D24, DCMI_D13,
LCD_G5, EVENTOUT
-
-
-
-
-
G9
-
-
-
VSS
S
-
-
-
-
-
-
-
B13
D14
132
155
A15
PI1
I/O
FT_h
-
TIM8_BKIN2,
SPI2_SCK/I2S2_CK,
TIM8_BKIN2_COMP12,
FMC_D25, DCMI_D8,
LCD_G6, EVENTOUT
-
-
-
-
A6
C14
133
156
B15
PI2
I/O
FT_h
-
TIM8_CH4,
SPI2_MISO/I2S2_SDI,
FMC_D26, DCMI_D9,
LCD_G7, EVENTOUT
-
-
-
-
B7
C13
134
157
C14
PI3
I/O
FT_h
-
TIM8_ETR,
SPI2_MOSI/I2S2_SDO,
FMC_D27, DCMI_D10,
EVENTOUT
-
-
-
-
-
D9
135
-
-
VSS
S
-
-
-
-
-
-
-
-
C9
136
158
-
VDD
S
-
-
-
-
76
A9
109
B12
A14
137
159
B14
PA14
(JTCK/SW
CLK)
I/O
FT
-
JTCK-SWCLK,
EVENTOUT
-
77
A8
110
C11
A13
138
160
A14
PA15
(JTDI)
I/O
FT
-
JTDI,
TIM2_CH1/TIM2_ETR,
HRTIM_FLT1, CEC,
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
SPI6_NSS,
UART4_RTS/UART4_DE
, UART7_TX,
EVENTOUT
-
78
B9
111
A12
B14
139
161
A13
PC10
I/O
FT_
ha
-
HRTIM_EEV1,
DFSDM1_CKIN5,
SPI3_SCK/I2S3_CK,
USART3_TX,
UART4_TX,
QUADSPI_BK1_IO1,
SDMMC1_D2, DCMI_D8,
LCD_R2, EVENTOUT
-
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com