Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 86Page - STMicroelectronics STM32H742II Datasheet HTML 87Page - STMicroelectronics STM32H742II Datasheet HTML 88Page - STMicroelectronics STM32H742II Datasheet HTML 89Page - STMicroelectronics STM32H742II Datasheet HTML 90Page - STMicroelectronics STM32H742II Datasheet HTML 91Page - STMicroelectronics STM32H742II Datasheet HTML 92Page - STMicroelectronics STM32H742II Datasheet HTML 93Page - STMicroelectronics STM32H742II Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 357 page
background image
PB8
-
TIM16_CH1
TIM4_CH3
DFSDM1_
CKIN7
I2C1_SCL
-
I2C4_SCL
SDMMC1_
CKIN
UART4_RX
FDCAN1_
RX
SDMMC2_
D4
ETH_MII_
TXD3
SDMMC1_
D4
DCMI_D6
LCD_B6
EVENT-
OUT
PB9
-
TIM17_CH1
TIM4_CH4
DFSDM1_
DATIN7
I2C1_SDA
SPI2_NSS/
I2S2_WS
I2C4_SDA
SDMMC1_
CDIR
UART4_TX
FDCAN1_
TX
SDMMC2_
D5
I2C4_
SMBA
SDMMC1_
D5
DCMI_D7
LCD_B7
EVENT-
OUT
PB10
-
TIM2_CH3
HRTIM_
SCOUT
LPTIM2_IN
1
I2C2_SCL
SPI2_SCK/
I2S2_CK
DFSDM1_
DATIN7
USART3_
TX
-
QUADSPI_
BK1_NCS
OTG_HS_
ULPI_D3
ETH_MII_
RX_ER
-
-
LCD_G4
EVENT-
OUT
PB11
-
TIM2_CH4
HRTIM_
SCIN
LPTIM2_
ETR
I2C2_SDA
-
DFSDM1_
CKIN7
USART3_
RX
--
OTG_HS_
ULPI_D4
ETH_MII_
TX_EN/
ETH_RMII_
TX_EN
-
-
LCD_G5
EVENT-
OUT
PB12
-
TIM1_BKIN
-
-
I2C2_SMBA
SPI2_NSS/
I2S2_WS
DFSDM1_
DATIN1
USART3_
CK
-
FDCAN2_
RX
OTG_HS_
ULPI_D5
ETH_MII_
TXD0/ETH_
RMII_TXD0
OTG_HS_
ID
TIM1_
BKIN_
COMP12
UART5_
RX
EVENT-
OUT
PB13
-
TIM1_CH1N
-
LPTIM2_
OUT
-
SPI2_SCK/
I2S2_CK
DFSDM1_
CKIN1
USART3_
CTS/
USART3_
NSS
-
FDCAN2_
TX
OTG_HS_
ULPI_D6
ETH_MII_
TXD1/ETH_
RMII_TXD1
--
UART5_
TX
EVENT-
OUT
PB14
-
TIM1_CH2N
TIM12_
CH1
TIM8_
CH2N
USART1_TX
SPI2_MISO/
I2S2_SDI
DFSDM1_
DATIN2
USART3_
RTS/
USART3_
DE
UART4_
RTS/
UART4_
DE
SDMMC2_
D0
--
OTG_HS_
DM
--
EVENT-
OUT
PB15
RTC_
REFIN
TIM1_CH3N
TIM12_
CH2
TIM8_
CH3N
USART1_RX
SPI2_MOSI/
I2S2_SDO
DFSDM1_
CKIN2
-
UART4_
CTS
SDMMC2_
D1
--
OTG_HS_
DP
--
EVENT-
OUT
Table 11. Port B alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2/16/
17/LPTIM1/
HRTIM1
SAI1/TIM3/
4/5/12/
HRTIM1
LPUART/
TIM8/
LPTIM2/3/4
/5/HRTIM1/
DFSDM1
I2C1/2/3/4/
USART1/
TIM15/
LPTIM2/
DFSDM1/
CEC
SPI1/2/3/4/5/
6/CEC
SPI2/3/SAI1
/3/I2C4/
UART4/
DFSDM1
SPI2/3/6/
USART1/2/3
/6/UART7/S
DMMC1
SPI6/SAI2/
4/UART4/5/
8/LPUART/
SDMMC1/
SPDIFRX1
SAI4/
FDCAN1/2/
TIM13/14/
QUADSPI/
FMC/
SDMMC2/
LCD/
SPDIFRX1
SAI2/4/
TIM8/
QUADSPI/
SDMMC2/
OTG1_HS/
OTG2_FS/
LCD
I2C4/
UART7/
SWPMI1/
TIM1/8/
DFSDM1/
SDMMC2/
MDIOS/
ETH
TIM1/8/FMC
/SDMMC1/
MDIOS/
OTG1_FS/
LCD
TIM1/
DCMI/LCD
/COMP
UART5/
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com