Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 19Page - STMicroelectronics STM32H742II Datasheet HTML 20Page - STMicroelectronics STM32H742II Datasheet HTML 21Page - STMicroelectronics STM32H742II Datasheet HTML 22Page - STMicroelectronics STM32H742II Datasheet HTML 23Page - STMicroelectronics STM32H742II Datasheet HTML 24Page - STMicroelectronics STM32H742II Datasheet HTML 25Page - STMicroelectronics STM32H742II Datasheet HTML 26Page - STMicroelectronics STM32H742II Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 357 page
background image
DS12110 Rev 10
23/357
STM32H742xI/G STM32H743xI/G
Description
54
Figure 1. STM32H742xI/G block diagram
MSv48805V7
TT-FDCAN1
FDCAN2
I2C1/SMBUS
I2C2/SMBUS
I2C3/SMBUS
AXI/AHB12 (240MHz)
4 compl. chan. (TIM1_CH1[1:4]N),
4 chan. (TIM1_CH1[1:4]ETR, BKIN as AF
TX, RX
SCL, SDA, SMBAL as AF
MDMA
PK[7:0]
4 compl. chan.(TIM8_CH1[1:4]N),
4 chan. (TIM8_CH1[1:4], ETR,
BKIN as AF
RX, TX, SCK,
CTS, RTS as AF
SCL, SDA, SMBAL as AF
SCL, SDA, SMBAL as AF
MOSI, MISO, SCK, NSS /
SDO, SDI, CK, WS, MCK, as AF
TX, RX
RX, TX as AF
RX, TX as AF
RX, TX, SCK
CTS, RTS as AF
RX, TX, SCK, CTS,
RTS as AF
1 channel as AF
smcard
irDA
1 channel as AF
2 channels as AF
4 channels
4 channels, ETR as AF
4 channels, ETR as AF
4 channels, ETR as AF
RX, TX as AF
FIFO
CHROM-ART
(DMA2D)
SD, SCK, FS, MCLK, D/CK[4:1] as
AF
CLK, CS,D[7:0]
CEC as AF
IN[1:4] as AF
MDC, MDIO
AXIM
AXIM
Arm CPU
Cortex-M7
480 MHz
AHBP
AHBS
TRACECK
TRACED[3:0]
JTRST, JTDI,
JTCK/SWCLK
JTDO/SWD, JTDO
JTAG/SW
ETM
I-Cache
16KB
D-Cache
16KB
I-TCM
64KB
D-TCM
64KB
16 Streams
FIFO
SDMMC1
SDMMC_D[7:0],SDMMC_D[7:3,1]Dir
SDMMC_D0dir, SDMMC_D2dir
CMD, CMDdir, CK, Ckin,
CKio as AF
FIFO
DMA1
FIFOs
8 Stream
DMA2
FIFOs
ETHER
MAC
FIFO
SDMMC2
FIFO
OTG_HS
FIFO
OTG_FS
FIFO
SRAM1
32 KB
8 Stream
FMC_signals
DMA/
DMA/
DMA/
PHY
PHY
MII / RMII
MDIO
as AF
DP, DM, STP,
NXT,ULPI:CK
, D[7:0], DIR,
ID, VBUS
ADC1
DAC_OUT1, DAC_OUT2 as AF
16b
AXI/AHB34 (240MHz)
WWDG
AHB2 (240MHz)
PA..J[15:0]
HSYNC, VSYNC, PIXCLK, D[13:0]
SAI3
MOSI, MISO,
SCK, NSS as AF
MOSI, MISO, SCK, NSS as AF
smcard
irDA
32-bit AHB BUS-MATRIX
BDMA
DMA
Mux2
Up to 20 analog inputs
common to ADC1 & 2
HSEM
AHB4
VDDA, VSSA
NRESET
WKUP[6:1]
@VDD
RCC
Reset &
control
OSC32_IN
OSC32_OUT
VBAT = 1.8 to 3.6 V
AWU
VDD12 BBgen + POWER MNGT
OSC_IN
OSC_OUT
RTC_TS
RTC_TAMP[1:3]
RTC_OUT
RTC_REFIN
VDDMMC33 = 1.8 to 3.6V
VDDUSB33 = 3.0 to 3.6 V
VDD = 1.8 to 3.6 V
VSS
VCAP
@VDD
@VDD33
@VSW
SUPPLY SUPERVISION
Int
POR
reset
@VDD
WDG_LS_D1
LPTIM1_IN1, LPTIM1_IN2,
LPTIM1_OUT as AF
OPAMPx_VINM
OPAMPx_VINP
OPAMPx_VOUT as AF
HRTIM1_CH[A..E]x
HRTIM1_FLT[5:1],
HRTIM1_FLT[5:1]_in, SYSFLT
DFSDM1_CKOUT,
DFSDM1_DATAIN[0:7],
DFSDM1_CKIN[0:7]
2 compl. chan.(TIM15_CH1[1:2]N),
2 chan. (TIM_CH15[1:2], BKIN as AF
1 compl. chan.(TIM16_CH1N),
1 chan. (TIM16_CH1, BKIN as AF
1 compl. chan.(TIM17_CH1N),
1 chan. (TIM17_CH1, BKIN as AF
SDMMC_
D[7:0],
CMD, CK as AF
Up to 17 analog inputs
common to ADC1 and 2
SD, SCK, FS, MCLK,
D[3;1], CK[2:1] as AF
SCL, SDA, SMBAL as AF
COMPx_INP, COMPx_INM,
COMPx_OUT as AF
LPTIM5_OUT as AF
D-TCM
64KB
AHB/APB
Quad-SPI
1 MB FLASH
1 MB FLASH
384 KB AXI
SRAM
FMC
Delay block
DCMI
AHB/APB
HRTIM1
DFSDM1
SD, SCK, FS, MCLK, CK[2:1] as AF
SAI2
SD, SCK, FS, MCLK, D[3:1],
CK[2:1] as AF
SAI1
SPI5
TIM17
TIM16
TIM15
SPI4
MOSI, MISO, SCK, NSS /
SDO, SDI, CK, WS, MCK, as AF
SPI1/I2S1
USART6
RX, TX, SCK,
CTS, RTS as AF
irDA
USART1
TIM1/PWM
16b
TIM8/PWM
16b
ADC3
GPIO PORTA.. J
GPIO PORTK
SAI4
COMP1&2
LPTIM5
LPTIM4_OUT as AF
LPTIM4
LPTIM3_OUT as AF
LPTIM3
I2C4
MOSI, MISO, SCK, NSS /
SDO, SDI, CK, WS, MCK, as AF
SPI6/I2S6
RX, TX, CK, CTS, RTS as AF
LPUART1
LPTIM2
VREF
SYSCFG
EXTI WKUP
CRC
DAP
RNG
DMA
Mux1
To APB1-2
peripherals
SRAM2
16 KB
ADC2
AHB/APB
TIM6
16b
TIM7
16b
SWPMI
TIM2
32b
TIM3
16b
TIM4
16b
TIM5
32b
TIM12
16b
TIM13
16b
TIM14
16b
USART2
smcard
irDA
USART3
UART4
UART5
UART7
RX, TX as AF
UART8
SPI2/I2S2
MOSI, MISO, SCK, NSS /
SDO, SDI, CK, WS, MCK, as AF
SPI3/I2S3
MDIOs
RAM
I/F
USBCR
SPDIFRX1
HDMI-CEC
DAC
LPTIM1
OPAMP1&2
AHB/APB
XTAL 32 kHz
RTC
Backup registers
XTAL OSC
4- 48 MHz
HS RC
LS RC
PLL1+PLL2+PLL3
POR/PDR/BOR
PVD
smcard
Voltage
regulator
3.3 to 1.2V
LSI
HSI
CSI
HSI48
LPTIM2_IN1, LPTIM2_IN2 and
LPTIM2_OUT
AHB1
(240MHz)
DP, DM, ID,
VBUS
64 KB SRAM
4 KB BKP
RAM
32-bit AHB BUS-MATRIX
IWDG
Temperature
sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com