Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 72Page - STMicroelectronics STM32H742II Datasheet HTML 73Page - STMicroelectronics STM32H742II Datasheet HTML 74Page - STMicroelectronics STM32H742II Datasheet HTML 75Page - STMicroelectronics STM32H742II Datasheet HTML 76Page - STMicroelectronics STM32H742II Datasheet HTML 77Page - STMicroelectronics STM32H742II Datasheet HTML 78Page - STMicroelectronics STM32H742II Datasheet HTML 79Page - STMicroelectronics STM32H742II Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 357 page
background image
Pin descriptions
STM32H742xI/G STM32H743xI/G
76/357
DS12110 Rev 10
58
G9
80
J10
N14
99
111
R15
PD11
I/O
FT_h
-
LPTIM2_IN2,
I2C4_SMBA,
USART3_CTS/USART3_
NSS,
QUADSPI_BK1_IO0,
SAI2_SD_A, FMC_A16,
EVENTOUT
-
59
K10
81
K13
N13
100
112
R16
PD12
I/O
FT_fh
-
LPTIM1_IN1, TIM4_CH1,
LPTIM2_IN1, I2C4_SCL,
USART3_RTS/USART3_
DE, QUADSPI_BK1_IO1,
SAI2_FS_A, FMC_A17,
EVENTOUT
-
60
J10
82
J11
M15
101
113
R17
PD13
I/O
FT_fh
-
LPTIM1_OUT,
TIM4_CH2, I2C4_SDA,
QUADSPI_BK1_IO3,
SAI2_SCK_A, FMC_A18,
EVENTOUT
-
-
-
83
-
K8
102
114
-
VSS
S
-
-
-
-
-
-
84
-
J13
103
115
N11
VDD
S
-
-
-
-
61
H8
85
J13
M14
104
116
P16
PD14
I/O
FT_h
-
TIM4_CH3,
SAI3_MCLK_B,
UART8_CTS,
FMC_D0/FMC_DA0,
EVENTOUT
-
62
G8
86
J12
L14
105
117
P15
PD15
I/O
FT_h
-
TIM4_CH4,
SAI3_MCLK_A,
UART8_RTS/UART8_DE
, FMC_D1/FMC_DA1,
EVENTOUT
-
--
-
-
-
-
118
N15
PJ6
I/O
FT
-
TIM8_CH2, LCD_R7,
EVENTOUT
-
--
-
-
-
-
119
N14
PJ7
I/O
FT
-
TRGIN, TIM8_CH2N,
LCD_G0, EVENTOUT
-
--
-
-
-
-
-
N10
VDD
S
-
-
-
-
-
-
-
-
F10
-
-
R8
VSS
S
-
-
-
-
-
-
-
-
-
-
120
N13
PJ8
I/O
FT
-
TIM1_CH3N, TIM8_CH1,
UART8_TX, LCD_G1,
EVENTOUT
-
-
-
-
-
-
-
121
M14
PJ9
I/O
FT
-
TIM1_CH3, TIM8_CH1N,
UART8_RX, LCD_G2,
EVENTOUT
-
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com