Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 82Page - STMicroelectronics STM32H742II Datasheet HTML 83Page - STMicroelectronics STM32H742II Datasheet HTML 84Page - STMicroelectronics STM32H742II Datasheet HTML 85Page - STMicroelectronics STM32H742II Datasheet HTML 86Page - STMicroelectronics STM32H742II Datasheet HTML 87Page - STMicroelectronics STM32H742II Datasheet HTML 88Page - STMicroelectronics STM32H742II Datasheet HTML 89Page - STMicroelectronics STM32H742II Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 357 page
background image
Pin descriptions
STM32H742xI/G STM32H743xI/G
86/357
DS12110 Rev 10
93
A5
137
D6
B5
165
196
C5
PB7
I/O
FT_fa
-
TIM17_CH1N,
TIM4_CH2,
HRTIM_EEV9,
I2C1_SDA, I2C4_SDA,
USART1_RX,
LPUART1_RX,
DFSDM1_CKIN5,
FMC_NL, DCMI_VSYNC,
EVENTOUT
PVD_IN
94
D5
138
E6
D6
166
197
E8
BOOT0
I
B
-
-
VPP
95
B4
139
B5
A5
167
198
D5
PB8
I/O
FT_fh
-
TIM16_CH1, TIM4_CH3,
DFSDM1_CKIN7,
I2C1_SCL, I2C4_SCL,
SDMMC1_CKIN,
UART4_RX,
FDCAN1_RX,
SDMMC2_D4,
ETH_MII_TXD3,
SDMMC1_D4, DCMI_D6,
LCD_B6, EVENTOUT
-
96
A4
140
C5
B4
168
199
D4
PB9
I/O
FT_fh
-
TIM17_CH1, TIM4_CH4,
DFSDM1_DATIN7,
I2C1_SDA,
SPI2_NSS/I2S2_WS,
I2C4_SDA,
SDMMC1_CDIR,
UART4_TX,
FDCAN1_TX,
SDMMC2_D5,
I2C4_SMBA,
SDMMC1_D5, DCMI_D7,
LCD_B7, EVENTOUT
-
97
D4
141
D5
A4
169
200
C4
PE0
I/O
FT_h
-
LPTIM1_ETR,
TIM4_ETR,
HRTIM_SCIN,
LPTIM2_ETR,
UART8_RX,
SAI2_MCLK_A,
FMC_NBL0, DCMI_D2,
EVENTOUT
-
98
C4
142
D4
A3
170
201
B4
PE1
I/O
FT_h
-
LPTIM1_IN2,
HRTIM_SCOUT,
UART8_TX, FMC_NBL1,
DCMI_D3, EVENTOUT
-
--
-
-
-
-
-
A7
VCAP
S
-
-
-
-
99
-
-
-
D5
-
202
-
VSS
S
-
-
-
-
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com