Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 88Page - STMicroelectronics STM32H742II Datasheet HTML 89Page - STMicroelectronics STM32H742II Datasheet HTML 90Page - STMicroelectronics STM32H742II Datasheet HTML 91Page - STMicroelectronics STM32H742II Datasheet HTML 92Page - STMicroelectronics STM32H742II Datasheet HTML 93Page - STMicroelectronics STM32H742II Datasheet HTML 94Page - STMicroelectronics STM32H742II Datasheet HTML 95Page - STMicroelectronics STM32H742II Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 357 page
background image
PC14
-
-
-
-
-
-
-
---
-
-
-
-
-
EVENT-
OUT
PC15
-
-
-
-
-
-
-
---
-
-
-
-
-
EVENT-
OUT
Table 12. Port C alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2/16/
17/LPTIM1/
HRTIM1
SAI1/TIM3/
4/5/12/
HRTIM1
LPUART/
TIM8/
LPTIM2/3/4
/5/HRTIM1/
DFSDM1
I2C1/2/3/4/
USART1/
TIM15/
LPTIM2/
DFSDM1/
CEC
SPI1/2/3/4/
5/6/CEC
SPI2/3/SAI1
/3/I2C4/
UART4/
DFSDM1
SPI2/3/6/
USART1/2/
3/6/UART7/
SDMMC1
SPI6/SAI2/
4/UART4/5/
8/LPUART/
SDMMC1/
SPDIFRX1
SAI4/
TIM13/14/
QUADSPI/
FMC/
SDMMC2/
LCD/
SPDIFRX1
SAI2/4/
TIM8/
QUADSPI/
SDMMC2/
OTG1_HS/
OTG2_FS/
LCD
I2C4/
UART7/
SWPMI1/
TIM1/8/
DFSDM1/
SDMMC2/
MDIOS/
ETH
TIM1/8/FMC
/SDMMC1/
MDIOS/
OTG1_FS/
LCD
TIM1/DCMI
/LCD/
COMP
UART5/
LCD
SYS
Table 13. Port D alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2/16/
17/LPTIM1/
HRTIM1
SAI1/TIM3/
4/5/12/
HRTIM1
LPUART/
TIM8/
LPTIM2/3/4
/5/HRTIM1/
DFSDM1
I2C1/2/3/4/
USART1/
TIM15/
LPTIM2/
DFSDM1/
CEC
SPI1/2/3/4/
5/6/CEC
SPI2/3/SAI1
/3/I2C4/
UART4/
DFSDM1
SPI2/3/6/
USART1/2/
3/6/UART7/
SDMMC1
SPI6/SAI2/
4/UART4/5/
8/LPUART/
SDMMC1/
SPDIFRX1
SAI4/
FDCAN1/2/
TIM13/14/
QUADSPI/
FMC/
SDMMC2/
LCD/
SPDIFRX1
SAI2/4/
TIM8/
QUADSPI/
SDMMC2/
OTG1_HS/
OTG2_FS/
LCD
I2C4/
UART7/
SWPMI1/
TIM1/8/
DFSDM1/
SDMMC2/
MDIOS/
ETH
TIM1/8/FMC
/SDMMC1/
MDIOS/
OTG1_FS/
LCD
TIM1/DCMI
/LCD/
COMP
UART5/
LCD
SYS
PD0
---
DFSDM1_
CKIN6
--
SAI3_SCK_
A
-
UART4_RX
FDCAN1_
RX
--
FMC_D2/
FMC_DA2
--
EVENT-
OUT
PD1
---
DFSDM1_
DATIN6
--
SAI3_SD_A
-
UART4_TX
FDCAN1_
TX
--
FMC_D3/
FMC_DA3
--
EVENT-
OUT
PD2
TRACED2
-
TIM3_ETR
-
-
-
-
-
UART5_RX
-
-
-
SDMMC1_
CMD
DCMI_D11
-
EVENT-
OUT
PD3
---
DFSDM1_
CKOUT
-
SPI2_SCK/
I2S2_CK
-
USART2_
CTS/
USART2_
NSS
--
-
-
FMC_CLK
DCMI_D5
LCD_G7
EVENT-
OUT
PD4
-
-
HRTIM_
FLT3
--
-
SAI3_FS_A
USART2_
RTS/
USART2_
DE
--
-
-
FMC_NOE
-
-
EVENT-
OUT
PD5
-
-
HRTIM_
EEV3
--
-
-
USART2_
TX
--
-
-
FMC_NWE
-
-
EVENT-
OUT
PD6
-
-
SAI1_D1
DFSDM1_
CKIN4
DFSDM1_
DATIN1
SPI3_
MOSI/I2S3
_SDO
SAI1_SD_A
USART2_
RX
SAI4_SD_
A
-
SAI4_D1
SDMMC2_
CK
FMC_
NWAIT
DCMI_D10
LCD_B2
EVENT-
OUT
PD7
---
DFSDM1_
DATIN4
-
SPI1_
MOSI/I2S1
_SDO
DFSDM1_
CKIN1
USART2_
CK
-
SPDIFRX1_
IN1
-
SDMMC2_
CMD
FMC_NE1
-
-
EVENT-
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com