Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 94Page - STMicroelectronics STM32H742II Datasheet HTML 95Page - STMicroelectronics STM32H742II Datasheet HTML 96Page - STMicroelectronics STM32H742II Datasheet HTML 97Page - STMicroelectronics STM32H742II Datasheet HTML 98Page - STMicroelectronics STM32H742II Datasheet HTML 99Page - STMicroelectronics STM32H742II Datasheet HTML 100Page - STMicroelectronics STM32H742II Datasheet HTML 101Page - STMicroelectronics STM32H742II Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 357 page
background image
Table 17. Port H alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2/16/
17/LPTIM1/
HRTIM1
SAI1/TIM3/
4/5/12/
HRTIM1
LPUART/
TIM8/
LPTIM2/3/4
/5/HRTIM1/
DFSDM1
I2C1/2/3/4/
USART1/
TIM15/
LPTIM2/
DFSDM1/
CEC
SPI1/2/3/4/
5/6/CEC
SPI2/3/SAI1
/3/I2C4/
UART4/
DFSDM1
SPI2/3/6/
USART1/2/
3/6/UART7/
SDMMC1
SPI6/SAI2/
4/UART4/5/
8/LPUART/
SDMMC1/
SPDIFRX1
SAI4/
FDCAN1/2/
TIM13/14/
QUADSPI/
FMC/
SDMMC2/
LCD/
SPDIFRX1
SAI2/4/
TIM8/
QUADSPI/
SDMMC2/
OTG1_HS/
OTG2_FS/
LCD
I2C4/
UART7/
SWPMI1/
TIM1/8/
DFSDM1/
SDMMC2/
MDIOS/
ETH
TIM1/8/FMC
/SDMMC1/
MDIOS/
OTG1_FS/
LCD
TIM1/DCMI
/LCD/
COMP
UART5/
LCD
SYS
PH0
-
--
-
-
-
-
-
-
-
--
-
-
-
EVENT-
OUT
PH1
-
--
-
-
-
-
-
-
-
--
-
-
-
EVENT-
OUT
PH2
-
LPTIM1_IN2
-
-
-
-
-
-
-
QUADSPI_
BK2_IO0
SAI2_SCK_
B
ETH_MII_
CRS
FMC_
SDCKE0
-
LCD_R0
EVENT-
OUT
PH3
-
-
-
-
-
-
-
-
-
QUADSPI_
BK2_IO1
SAI2_
MCLK_B
ETH_MII_
COL
FMC_
SDNE0
-
LCD_R1
EVENT-
OUT
PH4
-
-
-
-
I2C2_SCL
-
-
-
-
LCD_G5
OTG_HS_
ULPI_NXT
--
-
LCD_G4
EVENT-
OUT
PH5
-
-
-
-
I2C2_SDA
SPI5_NSS
-
-
-
-
-
-
FMC_
SDNWE
--
EVENT-
OUT
PH6
-
-
TIM12_
CH1
-
I2C2_SMBA
SPI5_SCK
-
---
-
ETH_MII_
RXD2
FMC_
SDNE1
DCMI_D8
-
EVENT-
OUT
PH7
-
-
-
-
I2C3_SCL
SPI5_
MISO
-
---
-
ETH_MII_
RXD3
FMC_
SDCKE1
DCMI_D9
-
EVENT-
OUT
PH8
-
-
TIM5_ETR
-
I2C3_SDA
-
-
-
-
-
-
-
FMC_D16
DCMI_
HSYNC
LCD_R2
EVENT-
OUT
PH9
-
-
TIM12_
CH2
-
I2C3_SMBA
-
-
-
-
-
-
-
FMC_D17
DCMI_D0
LCD_R3
EVENT-
OUT
PH10
-
-
TIM5_CH1
-
I2C4_SMBA
-
-
-
-
-
-
-
FMC_D18
DCMI_D1
LCD_R4
EVENT-
OUT
PH11
-
-
TIM5_CH2
-
I2C4_SCL
-
-
-
-
-
-
-
FMC_D19
DCMI_D2
LCD_R5
EVENT-
OUT
PH12
-
-
TIM5_CH3
-
I2C4_SDA
-
-
-
-
-
-
-
FMC_D20
DCMI_D3
LCD_R6
EVENT-
OUT
PH13
-
-
-
TIM8_
CH1N
--
-
-
UART4_TX
FDCAN1_
TX
--
FMC_D21
-
LCD_G2
EVENT-
OUT
PH14
-
-
-
TIM8_
CH2N
--
-
-
UART4_RX
FDCAN1_
RX
--
FMC_D22
DCMI_D4
LCD_G3
EVENT-
OUT
PH15
-
-
-
TIM8_
CH3N
-
-
-
---
-
-
FMC_D23
DCMI_D11
LCD_G4
EVENT-
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com