Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 90Page - STMicroelectronics STM32H742II Datasheet HTML 91Page - STMicroelectronics STM32H742II Datasheet HTML 92Page - STMicroelectronics STM32H742II Datasheet HTML 93Page - STMicroelectronics STM32H742II Datasheet HTML 94Page - STMicroelectronics STM32H742II Datasheet HTML 95Page - STMicroelectronics STM32H742II Datasheet HTML 96Page - STMicroelectronics STM32H742II Datasheet HTML 97Page - STMicroelectronics STM32H742II Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 357 page
background image
Table 14. Port E alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2/16/1
7/LPTIM1/
HRTIM1
SAI1/TIM3/
4/5/12/
HRTIM1
LPUART/
TIM8/
LPTIM2/3/4
/5/HRTIM1/
DFSDM1
I2C1/2/3/4/
USART1/
TIM15/
LPTIM2/
DFSDM1/
CEC
SPI1/2/3/4/
5/6/CEC
SPI2/3/SAI1
/3/I2C4/
UART4/
DFSDM1
SPI2/3/6/
USART1/2/
3/6/UART7/
SDMMC1
SPI6/SAI2/
4/UART4/5/
8/LPUART/
SDMMC1/
SPDIFRX1
SAI4/
TIM13/14/
QUADSPI/
FMC/
SDMMC2/
LCD/
SPDIFRX1
SAI2/4/
TIM8/
QUADSPI/
SDMMC2/
OTG1_HS/
OTG2_FS/
LCD
I2C4/
UART7/
SWPMI1/
TIM1/8/
DFSDM1/
SDMMC2/
MDIOS/
ETH
TIM1/8/FMC
/SDMMC1/
MDIOS/
OTG1_FS/
LCD
TIM1/DCMI
/LCD/
COMP
UART5/
LCD
SYS
PE0
-
LPTIM1_
ETR
TIM4_ETR
HRTIM_
SCIN
LPTIM2_
ETR
---
UART8_RX
-
SAI2_
MCLK_A
-
FMC_NBL0
DCMI_D2
-
EVENT-
OUT
PE1
-
LPTIM1_IN2
-
HRTIM_
SCOUT
-
---
UART8_TX
-
-
-
FMC_NBL1
DCMI_D3
-
EVENT-
OUT
PE2
TRACE
CLK
-SAI1_CK1
-
-
SPI4_SCK
SAI1_MCLK
_A
-
SAI4_
MCLK_A
QUADSPI_
BK1_IO2
SAI4_CK1
ETH_MII_
TXD3
FMC_A23
-
-
EVENT-
OUT
PE3
TRACED0
-
-
-
TIM15_BKIN
-
SAI1_SD_B
-
SAI4_SD_
B
--
-
FMC_A19
-
-
EVENT-
OUT
PE4
TRACED1
-
SAI1_D2
DFSDM1_
DATIN3
TIM15_CH1
N
SPI4_NSS
SAI1_FS_A
-
SAI4_FS_A
-
SAI4_D2
-
FMC_A20
DCMI_D4
LCD_B0
EVENT-
OUT
PE5
TRACED2
-
SAI1_CK2
DFSDM1_
CKIN3
TIM15_CH1
SPI4_
MISO
SAI1_SCK_
A
-
SAI4_SCK
_A
-
SAI4_CK2
-
FMC_A21
DCMI_D6
LCD_G0
EVENT-
OUT
PE6
TRACED3
TIM1_
BKIN2
SAI1_D1
-
TIM15_CH2
SPI4_
MOSI
SAI1_SD_A
-
SAI4_SD_
A
SAI4_D1
SAI2_
MCLK_B
TIM1_BKIN
2_COMP12
FMC_A22
DCMI_D7
LCD_G1
EVENT-
OUT
PE7
-
TIM1_ETR
-
DFSDM1_
DATIN2
--
-
UART7_RX
-
-
QUADSPI_
BK2_IO0
-
FMC_D4/
FMC_DA4
--
EVENT-
OUT
PE8
-
TIM1_CH1N
-
DFSDM1_
CKIN2
--
-
UART7_TX
-
-
QUADSPI_
BK2_IO1
-
FMC_D5/
FMC_DA5
COMP2_
OUT
-
EVENT-
OUT
PE9
-
TIM1_CH1
-
DFSDM1_
CKOUT
--
-
UART7_
RTS/
UART7_
DE
--
QUADSPI_
BK2_IO2
-
FMC_D6/
FMC_DA6
--
EVENT-
OUT
PE10
-
TIM1_CH2N
-
DFSDM1_
DATIN4
--
-
UART7_
CTS
--
QUADSPI_
BK2_IO3
-
FMC_D7/
FMC_DA7
--
EVENT-
OUT
PE11
-
TIM1_CH2
-
DFSDM1_
CKIN4
-
SPI4_NSS
-
---
SAI2_SD_B
-
FMC_D8/
FMC_DA8
-
LCD_G3
EVENT-
OUT
PE12
-
TIM1_CH3N
-
DFSDM1_
DATIN5
-
SPI4_SCK
-
---
SAI2_SCK_
B
-
FMC_D9/
FMC_DA9
COMP1_
OUT
LCD_B4
EVENT-
OUT
PE13
-
TIM1_CH3
-
DFSDM1_
CKIN5
-
SPI4_
MISO
-
---
SAI2_FS_B
-
FMC_D10/
FMC_DA10
COMP2_
OUT
LCD_DE
EVENT-
OUT
PE14
-
TIM1_CH4
-
-
-
SPI4_
MOSI
-
---
SAI2_
MCLK_B
-
FMC_D11/
FMC_DA11
-
LCD_CLK
EVENT-
OUT
PE15
-
TIM1_BKIN
-
-
-
-
-
---
-
FMC_D12/
FMC_DA12
TIM1_BKIN
_COMP12/
COMP_
TIM1_BKIN
LCD_R7
EVENT-
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com