Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 87Page - STMicroelectronics STM32H742II Datasheet HTML 88Page - STMicroelectronics STM32H742II Datasheet HTML 89Page - STMicroelectronics STM32H742II Datasheet HTML 90Page - STMicroelectronics STM32H742II Datasheet HTML 91Page - STMicroelectronics STM32H742II Datasheet HTML 92Page - STMicroelectronics STM32H742II Datasheet HTML 93Page - STMicroelectronics STM32H742II Datasheet HTML 94Page - STMicroelectronics STM32H742II Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 357 page
background image
Table 12. Port C alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2/16/
17/LPTIM1/
HRTIM1
SAI1/TIM3/
4/5/12/
HRTIM1
LPUART/
TIM8/
LPTIM2/3/4
/5/HRTIM1/
DFSDM1
I2C1/2/3/4/
USART1/
TIM15/
LPTIM2/
DFSDM1/
CEC
SPI1/2/3/4/
5/6/CEC
SPI2/3/SAI1
/3/I2C4/
UART4/
DFSDM1
SPI2/3/6/
USART1/2/
3/6/UART7/
SDMMC1
SPI6/SAI2/
4/UART4/5/
8/LPUART/
SDMMC1/
SPDIFRX1
SAI4/
TIM13/14/
QUADSPI/
FMC/
SDMMC2/
LCD/
SPDIFRX1
SAI2/4/
TIM8/
QUADSPI/
SDMMC2/
OTG1_HS/
OTG2_FS/
LCD
I2C4/
UART7/
SWPMI1/
TIM1/8/
DFSDM1/
SDMMC2/
MDIOS/
ETH
TIM1/8/FMC
/SDMMC1/
MDIOS/
OTG1_FS/
LCD
TIM1/DCMI
/LCD/
COMP
UART5/
LCD
SYS
PC0
-
-
-
DFSDM1_
CKIN0
--
DFSDM1_
DATIN4
-
SAI2_FS_B
-
OTG_HS_
ULPI_STP
-
FMC_
SDNWE
-
LCD_R5
EVENT-
OUT
PC1
TRACED0
-
SAI1_D1
DFSDM1_
DATIN0
DFSDM1_
CKIN4
SPI2_
MOSI/I2S2
_SDO
SAI1_SD_A
-
SAI4_SD_
A
SDMMC2_
CK
SAI4_D1
ETH_MDC
MDIOS_
MDC
--
EVENT-
OUT
PC2
CDSLEEP
-
-
DFSDM1_
CKIN1
-
SPI2_
MISO/I2S2
_SDI
DFSDM1_
CKOUT
---
OTG_HS_
ULPI_DIR
ETH_MII_
TXD2
FMC_SDNE
0
--
EVENT-
OUT
PC3
CSLEEP
-
-
DFSDM1_
DATIN1
-
SPI2_
MOSI/I2S2
_SDO
-
---
OTG_HS_
ULPI_NXT
ETH_MII_
TX_CLK
FMC_SDCK
E0
--
EVENT-
OUT
PC4
-
-
-
DFSDM1_
CKIN2
-
I2S1_
MCK
--
-
SPDIFRX1
_IN3
-
ETH_MII_
RXD0/ETH_
RMII_RXD0
FMC_SDNE
0
--
EVENT-
OUT
PC5
-
-
SAI1_D3
DFSDM1_
DATIN2
--
-
-
SPDIFRX1
_IN4
SAI4_D3
ETH_MII_
RXD1/ETH_
RMII_RXD1
FMC_SDCK
E0
COMP1_
OUT
-
EVENT-
OUT
PC6
-
HRTIM_CH
A1
TIM3_CH1
TIM8_CH1
DFSDM1_
CKIN3
I2S2_
MCK
-
USART6_
TX
SDMMC1_
D0DIR
FMC_
NWAIT
SDMMC2_
D6
-
SDMMC1_
D6
DCMI_D0
LCD_
HSYNC
EVENT-
OUT
PC7
TRGIO
HRTIM_CH
A2
TIM3_CH2
TIM8_CH2
DFSDM1_
DATIN3
-
I2S3_MCK
USART6_
RX
SDMMC1_
D123DIR
FMC_NE1
SDMMC2_
D7
SWPMI_TX
SDMMC1_
D7
DCMI_D1
LCD_G6
EVENT-
OUT
PC8
TRACED1
HRTIM_CH
B1
TIM3_CH3
TIM8_CH3
-
-
-
USART6_
CK
UART5_
RTS/
UART5_
DE
FMC_NE2/
FMC_NCE
-
SWPMI_RX
SDMMC1_
D0
DCMI_D2
-
EVENT-
OUT
PC9
MCO2
-
TIM3_CH4
TIM8_CH4
I2C3_SDA
I2S_CKIN
-
-
UART5_
CTS
QUADSPI_
BK1_IO0
LCD_G3
SWPMI_
SUSPEND
SDMMC1_
D1
DCMI_D3
LCD_B2
EVENT-
OUT
PC10
-
-
HRTIM_
EEV1
DFSDM1_
CKIN5
--
SPI3_SCK/
I2S3_CK
USART3_
TX
UART4_TX
QUADSPI_
BK1_IO1
--
SDMMC1_
D2
DCMI_D8
LCD_R2
EVENT-
OUT
PC11
-
-
HRTIM_
FLT2
DFSDM1_
DATIN5
--
SPI3_MISO/
I2S3_SDI
USART3_
RX
UART4_RX
QUADSPI_
BK2_NCS
--
SDMMC1_
D3
DCMI_D4
-
EVENT-
OUT
PC12
TRACED3
-
HRTIM_
EEV2
--
-
SPI3_MOSI/
I2S3_SDO
USART3_
CK
UART5_TX
-
-
-
SDMMC1_
CK
DCMI_D9
-
EVENT-
OUT
PC13
-
-
-
-
-
-
-
---
-
-
-
-
-
EVENT-
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com