Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 67Page - STMicroelectronics STM32H742II Datasheet HTML 68Page - STMicroelectronics STM32H742II Datasheet HTML 69Page - STMicroelectronics STM32H742II Datasheet HTML 70Page - STMicroelectronics STM32H742II Datasheet HTML 71Page - STMicroelectronics STM32H742II Datasheet HTML 72Page - STMicroelectronics STM32H742II Datasheet HTML 73Page - STMicroelectronics STM32H742II Datasheet HTML 74Page - STMicroelectronics STM32H742II Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 357 page
background image
DS12110 Rev 10
71/357
STM32H742xI/G STM32H743xI/G
Pin descriptions
101
-
-
-
-
-
-
68
U6
PJ3
I/O
FT
-
LCD_R4, EVENTOUT
-
-
-
-
-
-
-
69
U7
PJ4
I/O
FT
-
LCD_R5, EVENTOUT
-
-
-
49
M6
R6
59
70
T7
PF11
I/O
FT_a
-
SPI5_MOSI, SAI2_SD_B,
FMC_SDNRAS,
DCMI_D12, EVENTOUT
ADC1_INP2
-
-
50
N6
P6
60
71
R7
PF12
I/O
FT_
ha
-
FMC_A6, EVENTOUT
ADC1_INN2,
ADC1_INP6
-
-
51
M11
M8
61
72
J3
VSS
S
-
-
-
-
-
-
52
-
N86273
H5
VDD
S
-
-
-
-
-
-
53
G7
N6
63
74
P7
PF13
I/O
FT_
ha
-
DFSDM1_DATIN6,
I2C4_SMBA, FMC_A7,
EVENTOUT
ADC2_INP2
-
-
54
H7
R7
64
75
P8
PF14
I/O
FT_
fha
-
DFSDM1_CKIN6,
I2C4_SCL, FMC_A8,
EVENTOUT
ADC2_INN2,
ADC2_INP6
-
-
55
J7
P7
65
76
R9
PF15
I/O
FT_fh
-
I2C4_SDA, FMC_A9,
EVENTOUT
-
-
-
56
K7
N7
66
77
T8
PG0
I/O
FT_h
-
FMC_A10, EVENTOUT
-
-
-
-
M2
F6
-
-
J16
VSS
S
-
-
-
-
-
-
-
A10
-
-
-
H13
VDD
S
-
-
-
-
-
-
57
L7
M7
67
78
U8
PG1
I/O
TT_h
-
FMC_A11, EVENTOUT
OPAMP2_
VINM
37
H5
58
G8
R8
68
79
U9
PE7
I/O
TT_
ha
-
TIM1_ETR,
DFSDM1_DATIN2,
UART7_RX,
QUADSPI_BK2_IO0,
FMC_D4/FMC_DA4,
EVENTOUT
OPAMP2_
VOUT,
COMP2_INM
38
J5
59
H8
P8
69
80
T9
PE8
I/O
TT_
ha
-
TIM1_CH1N,
DFSDM1_CKIN2,
UART7_TX,
QUADSPI_BK2_IO1,
FMC_D5/FMC_DA5,
COMP2_OUT,
EVENTOUT
OPAMP2_
VINM
39
K5
60
J8
P9
70
81
P9
PE9
I/O
TT_
ha
-
TIM1_CH1,
DFSDM1_CKOUT,
UART7_RTS/UART7_DE
, QUADSPI_BK2_IO2,
FMC_D6/FMC_DA6,
EVENTOUT
OPAMP2_VINP,
COMP2_INP
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com