Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 64Page - STMicroelectronics STM32H742II Datasheet HTML 65Page - STMicroelectronics STM32H742II Datasheet HTML 66Page - STMicroelectronics STM32H742II Datasheet HTML 67Page - STMicroelectronics STM32H742II Datasheet HTML 68Page - STMicroelectronics STM32H742II Datasheet HTML 69Page - STMicroelectronics STM32H742II Datasheet HTML 70Page - STMicroelectronics STM32H742II Datasheet HTML 71Page - STMicroelectronics STM32H742II Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 357 page
background image
Pin descriptions
STM32H742xI/G STM32H743xI/G
68/357
DS12110 Rev 10
22
G2
34
J5
N3
40
43
N5(5)
PA0
I/O
FT_a
-
TIM2_CH1/TIM2_ETR,
TIM5_CH1, TIM8_ETR,
TIM15_BKIN,
USART2_CTS/USART2_
NSS, UART4_TX,
SDMMC2_CMD,
SAI2_SD_B,
ETH_MII_CRS,
EVENTOUT
ADC1_INP16,
WKUP1
--
-
-
-
-
-
T1(5)
PA0_C
ANA TT_a
-
ADC12_INN1,
ADC12_INP0
23
H2
35
K4
N2
41
44
N4(5)
PA1
I/O
FT_
ha
-
TIM2_CH2, TIM5_CH2,
LPTIM3_OUT,
TIM15_CH1N,
USART2_RTS/USART2_
DE, UART4_RX,
QUADSPI_BK1_IO3,
SAI2_MCLK_B,
ETH_MII_RX_CLK/ETH_
RMII_REF_CLK,
LCD_R2, EVENTOUT
ADC1_INN16,
ADC1_INP17
--
-
-
-
-
-
T2(5)
PA1_C
ANA TT_a
-
ADC12_INP1
24
J2
36
N1
P2
42
45
N3
PA2
I/O
FT_a
-
TIM2_CH3, TIM5_CH3,
LPTIM4_OUT,
TIM15_CH1,
USART2_TX,
SAI2_SCK_B,
ETH_MDIO,
MDIOS_MDIO, LCD_R1,
EVENTOUT
ADC12_INP14,
WKUP2
-
-
-
N2F4
4346
N2
PH2
I/O
FT_
ha
-
LPTIM1_IN2,
QUADSPI_BK2_IO0,
SAI2_SCK_B,
ETH_MII_CRS,
FMC_SDCKE0, LCD_R0,
EVENTOUT
ADC3_INP13
-K1
-
M1
-
-
-
F5
VDD
S
-
-
-
-
-
J1
-
M7
J8
-
-
C16
VSS
S
-
-
-
-
--
-
M3
G4
44
47
P2
PH3
I/O
FT_
ha
-
QUADSPI_BK2_IO1,
SAI2_MCLK_B,
ETH_MII_COL,
FMC_SDNE0, LCD_R1,
EVENTOUT
ADC3_INN13,
ADC3_INP14
-
-
-
K3
H44548
P3
PH4
I/O
FT_fa
-
I2C2_SCL, LCD_G5,
OTG_HS_ULPI_NXT,
LCD_G4, EVENTOUT
ADC3_INN14,
ADC3_INP15
--
-
L3
J4
46
49
P4
PH5
I/O
FT_fa
-
I2C2_SDA, SPI5_NSS,
FMC_SDNWE,
EVENTOUT
ADC3_INN15,
ADC3_INP16
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com