Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 22Page - STMicroelectronics STM32H742II Datasheet HTML 23Page - STMicroelectronics STM32H742II Datasheet HTML 24Page - STMicroelectronics STM32H742II Datasheet HTML 25Page - STMicroelectronics STM32H742II Datasheet HTML 26Page - STMicroelectronics STM32H742II Datasheet HTML 27Page - STMicroelectronics STM32H742II Datasheet HTML 28Page - STMicroelectronics STM32H742II Datasheet HTML 29Page - STMicroelectronics STM32H742II Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 357 page
background image
Functional overview
STM32H742xI/G STM32H743xI/G
26/357
DS12110 Rev 10
3.3
Memories
3.3.1
Embedded flash memory
The STM32H742xI/G and STM32H743xI/G devices embed up to 2 Mbytes of flash memory
that can be used for storing programs and data.
The flash memory is organized as 266-bit flash words memory that can be used for storing
both code and data constants. Each word consists of:
•
One flash word (8 words, 32 bytes or 256 bits)
•
10 ECC bits.
The flash memory is divided into two independent banks. Each bank is organized as follows:
•
A user flash memory block of 512 Kbytes (STM32H7xxxG) or 1-Mbyte (STM32H7xxxI)
containing eight user sectors of 128 Kbytes (4 K flash memory words)
•
128 Kbytes of System flash memory from which the device can boot
•
2 Kbytes (64 flash words) of user option bytes for user configuration
3.3.2
Embedded SRAM
All devices feature:
•
384 (STM32H742xI/G) or 512 Kbytes (STM32H743xI/G) of AXI-SRAM mapped onto
AXI bus on D1 domain.
•
SRAM1 mapped on D2 domain: 32 (STM32H742xI/G) or 128 Kbytes
(STM32H743xI/G)
•
SRAM2 mapped on D2 domain: 16 (STM32H742xI/G) or 128 Kbytes
(STM32H743xI/G)128 Kbytes
•
SRAM3 mapped on D2 domain: 32 Kbytes (STM32H743xI/G only)
•
SRAM4 mapped on D3 domain: 64 Kbytes
•
4 Kbytes of backup SRAM
The content of this area is protected against possible unwanted write accesses,
and is retained in Standby or VBAT mode.
•
RAM mapped to TCM interface (ITCM and DTCM):
Both ITCM and DTCM RAMs are 0 wait state memories. either They can be accessed
either from the CPU or the MDMA (even in Sleep mode) through a specific AHB slave
of the CPU(AHBP):
–
64 Kbytes of ITCM-RAM (instruction RAM)
This RAM is connected to ITCM 64-bit interface designed for execution of critical
real-times routines by the CPU.
–
128 Kbytes of DTCM-RAM (2x 64-Kbyte DTCM-RAMs on 2x32-bit DTCM ports)
The DTCM-RAM could be used for critical real-time data, such as interrupt service
routines or stack/heap memory. Both DTCM-RAMs can be used in parallel (for
load/store operations) thanks to the Cortex®-M7 dual issue capability.
The MDMA can be used to load code or data in ITCM or DTCM RAMs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com