Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 100Page - STMicroelectronics STM32H742II Datasheet HTML 101Page - STMicroelectronics STM32H742II Datasheet HTML 102Page - STMicroelectronics STM32H742II Datasheet HTML 103Page - STMicroelectronics STM32H742II Datasheet HTML 104Page - STMicroelectronics STM32H742II Datasheet HTML 105Page - STMicroelectronics STM32H742II Datasheet HTML 106Page - STMicroelectronics STM32H742II Datasheet HTML 107Page - STMicroelectronics STM32H742II Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
104/357
DS12110 Rev 10
device. It is not recommended to remove filtering capacitors to reduce PCB size or cost.
This might cause incorrect operation of the device.
6.1.7
Current consumption measurement
Figure 16. Current consumption measurement scheme
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 21: Voltage characteristics,
Table 22: Current characteristics, and Table 23: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and the functional operation
of the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability. Device mission profile (application conditions)
is compliant with JEDEC JESD47 Qualification Standard, extended mission profiles are
available on demand.
ai14126
VBAT
VDD
VDDA
IDD_VBAT
IDD
Table 21. Voltage characteristics (1)
1. All main power (VDD, VDDA, VDD33USB, VBAT) and ground (VSS, VSSA) pins must always be connected to
the external power supply, in the permitted range.
Symbols
Ratings
Min
Max
Unit
VDDX - VSS
External main supply voltage (including VDD,
VDDLDO, VDDA, VDD33USB, VBAT)
−0.3
4.0
V
VIN(2)
2. VIN maximum must always be respected. Refer to Table 59 for the maximum allowed injected current
values.
Input voltage on FT_xxx pins
VSS−0.3
Min(VDD, VDDA,
VDD33USB, VBAT)
+4.0(3)(4)
V
Input voltage on TT_xx pins
VSS-0.3
4.0
V
Input voltage on BOOT0 pin
VSS
9.0
V
Input voltage on any other pins
VSS-0.3
4.0
V
|
∆VDDX|
Variations between different VDDX power pins
of the same domain
-50
mV
|VSSx-VSS| Variations between all the different ground pins
-
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com