Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 113Page - STMicroelectronics STM32H742II Datasheet HTML 114Page - STMicroelectronics STM32H742II Datasheet HTML 115Page - STMicroelectronics STM32H742II Datasheet HTML 116Page - STMicroelectronics STM32H742II Datasheet HTML 117Page - STMicroelectronics STM32H742II Datasheet HTML 118Page - STMicroelectronics STM32H742II Datasheet HTML 119Page - STMicroelectronics STM32H742II Datasheet HTML 120Page - STMicroelectronics STM32H742II Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 357 page
background image
DS12110 Rev 10
117/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev Y)
320
Table 39. Peripheral current consumption in Run mode
Peripheral
IDD(Typ)
Unit
VOS1
VOS2
VOS3
AHB3
MDMA
8.3
7.6
7
µA/MHz
DMA2D
212018
JPEG
24
23
21
FLASH
9.9
9
8.3
FMC registers
0.9
0.9
0.8
FMC kernel
6.1
5.5
5.3
QUADSPI
registers
1.5
1.4
1.3
QUADSPI kernel
0.9
0.8
0.7
SDMMC1
registers
87.2
6.8
SDMMC1 kernel
2.4
2
1.8
DTCM1
5.7
5
4.5
DTCM2
5.5
4.8
4.3
ITCM
3.2
2.9
2.6
D1SRAM1
7.6
6.8
6.1
AHB3 bridge
7.5
6.8
6.3
AHB1
DMA1
1.1
1
1
DMA2
1.7
1.4
1.1
ADC1/2 registers
3.9
3.2
3.1
ADC1/2 kernel
0.9
0.8
0.7
ART accelerator
5.5
4.5
4.2
ETH1MAC
16
14
13
ETH1TX
ETH1RX
USB1 OTG
registers
15
14
13
USB1 OTG kernel
-
8.5
8.5
USB1 ULPI
0.3
0.3
0.1
USB2 OTG
registers
15
13
12
USB2 OTG kernel
-
8.6
8.6
USB2 ULPI
16
16
16
AHB1 Bridge
10
9.6
8.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com