Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 126 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 126 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 122Page - STMicroelectronics STM32H742II Datasheet HTML 123Page - STMicroelectronics STM32H742II Datasheet HTML 124Page - STMicroelectronics STM32H742II Datasheet HTML 125Page - STMicroelectronics STM32H742II Datasheet HTML 126Page - STMicroelectronics STM32H742II Datasheet HTML 127Page - STMicroelectronics STM32H742II Datasheet HTML 128Page - STMicroelectronics STM32H742II Datasheet HTML 129Page - STMicroelectronics STM32H742II Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
126/357
DS12110 Rev 10
High-speed external clock generated from a crystal/ceramic resonator
The high-speed external (HSE) clock can be supplied with a 4 to 48 MHz crystal/ceramic
resonator oscillator. All the information given in this paragraph are based on
characterization results obtained with typical external components specified in Table 44. In
the application, the resonator and the load capacitors have to be placed as close as
possible to the oscillator pins in order to minimize output distortion and startup stabilization
time. Refer to the crystal resonator manufacturer for more details on the resonator
characteristics (frequency, package, accuracy).
For CL1 and CL2, it is recommended to use high-quality external ceramic capacitors,
designed for high-frequency applications, and selected to match the requirements of the
crystal or resonator (see Figure 20). CL1 and CL2 are usually the same size. The crystal
manufacturer typically specifies a load capacitance which is the series combination of CL1
and CL2. The PCB and MCU pin capacitance must be included (10 pF can be used as a
rough estimate of the combined pin and board capacitance) when sizing CL1 and CL2.
Note:
For information on selecting the crystal, refer to the application note AN2867 “Oscillator
design guide for STM8AF/AL/S, STM32 MCUs and MPUs” available from the ST website
www.st.com.
Table 44. 4-48 MHz HSE oscillator characteristics(1)
Symbol
Parameter
Operating
conditions(2)
Min
Typ
Max
Unit
F
Oscillator frequency
-
4
-
48
MHz
RF
Feedback resistor
-
-
200
-
kΩ
IDD(HSE)
HSE current consumption
During startup(3)
--
4
mA
VDD=3 V, Rm=30 Ω
CL=10pF@4MHz
-0.35
-
VDD=3 V, Rm=30 Ω
CL=10 pF at 8 MHz
-0.40
-
VDD=3 V, Rm=30 Ω
CL=10 pF at 16 MHz
-0.45
-
VDD=3 V, Rm=30 Ω
CL=10 pF at 32 MHz
-0.65
-
VDD=3 V, Rm=30 Ω
CL=10 pF at 48 MHz
-0.95
-
Gmcritmax
Maximum critical crystal gm
Startup
-
-
1.5
mA/V
tSU(4)
Start-up time
VDD is stabilized
-
2
-
ms
1. Guaranteed by design.
2. Resonator characteristics given by the crystal/ceramic resonator manufacturer.
3. This consumption level occurs during the first 2/3 of the tSU(HSE) startup time.
4. tSU(HSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 8 MHz oscillation is
reached. This value is measured for a standard crystal resonator and it can vary significantly with the crystal manufacturer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com