Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 144 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 140Page - STMicroelectronics STM32H742II Datasheet HTML 141Page - STMicroelectronics STM32H742II Datasheet HTML 142Page - STMicroelectronics STM32H742II Datasheet HTML 143Page - STMicroelectronics STM32H742II Datasheet HTML 144Page - STMicroelectronics STM32H742II Datasheet HTML 145Page - STMicroelectronics STM32H742II Datasheet HTML 146Page - STMicroelectronics STM32H742II Datasheet HTML 147Page - STMicroelectronics STM32H742II Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
144/357
DS12110 Rev 10
Output buffer timing characteristics (HSLV option enabled)
Table 64. Output timing characteristics (HSLV ON)(1)
Speed
Symbol
Parameter
conditions
Min
Max
Unit
00
Fmax(2) Maximum frequency
C=50 pF, 1.62 V≤VDD≤2.7 V
-
10
MHz
C=30 pF, 1.62 V≤VDD≤2.7 V
-
10
C=10 pF, 1.62 V≤VDD≤2.7 V
-
10
tr/tf(3)
Output high to low level
fall time and output low
to high level rise time
C=50 pF, 1.62 V≤VDD≤2.7 V
-
11
ns
C=30 pF, 1.62 V≤VDD≤2.7 V
-
9
C=10 pF, 1.62 V≤VDD≤2.7 V
-
6.6
01
Fmax(2) Maximum frequency
C=50 pF, 1.62 V≤VDD≤2.7 V
-
50
MHz
C=30 pF, 1.62 V≤VDD≤2.7 V
-
58
C=10 pF, 1.62 V≤VDD≤2.7 V
-
66
tr/tf(3)
Output high to low level
fall time and output low
to high level rise time
C=50 pF, 1.62 V≤VDD≤2.7 V
-
6.6
ns
C=30 pF, 1.62 V≤VDD≤2.7 V
-
4.8
C=10 pF, 1.62 V≤VDD≤2.7 V
-
3
10
Fmax(2) Maximum frequency
C=50 pF, 1.62 V≤VDD≤2.7 V(4)
-55
MHz
C=30 pF, 1.62 V≤VDD≤2.7 V(4)
-80
C=10 pF, 1.62 V≤VDD≤2.7 V(4)
-
133
tr/tf(3)
Output high to low level
fall time and output low
to high level rise time
C=50 pF, 1.62 V≤VDD≤2.7 V(4)
-5.8
ns
C=30 pF, 1.62 V≤VDD≤2.7 V(4)
-4
C=10 pF, 1.62 V≤VDD≤2.7 V(4)
-2.4
11
Fmax(2) Maximum frequency
C=50 pF, 1.62 V≤VDD≤2.7 V(4)
-60
MHz
C=30 pF, 1.62 V≤VDD≤2.7 V(4)
-90
C=10 pF, 1.62 V≤VDD≤2.7 V(4)
-
175
tr/tf(3)
Output high to low level
fall time and output low
to high level rise time
C=50 pF, 1.62 V≤VDD≤2.7 V(4)
-5.3
ns
C=30 pF, 1.62 V≤VDD≤2.7 V(4)
-3.6
C=10 pF, 1.62 V≤VDD≤2.7 V(4)
-1.9
1. Guaranteed by design.
2. The maximum frequency is defined with the following conditions:
(tr+tf) ≤ 2/3 T
Skew ≤ 1/20 T
45%<Duty cycle<55%
3. The fall and rise times are defined between 90% and 10% and between 10% and 90% of the output waveform, respectively.
4. Compensation system enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com